Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U535NET3QTR Datasheet(PDF) 238 Page - STMicroelectronics

Part # STM32U535NET3QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535NET3QTR Datasheet(HTML) 238 Page - STMicroelectronics

Back Button STM32U535NET3QTR Datasheet HTML 234Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 235Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 236Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 237Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 238Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 239Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 240Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 241Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 242Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 278 page
background image
Electrical characteristics
STM32U535xx
238/278
DS14217 Rev 1
Figure 47. MDF timing diagram
tSUCKI
Data setup time with respect
to MDF_CKIx input
In SLAVE SPI mode, measured
on rising and falling edge
1.5
-
-
ns
tHDCKI
Data hold time with respect
to MDF_CKIx input
0-
-
tSUCCKI
Data setup time with respect
to MDF_CCK[1:0] input
In SLAVE SPI mode:
MDF_CCK[1:0] configured in
input, measured on rising and
falling edge
1.5
-
-
tHDCCKI
Data hold time with respect
to MDF_CCK[1:0] input
0.5
-
-
tSUCCKO
Data setup time with respect
to MDF_CCK[1:0] output
In MASTER SPI mode:
MDF_CCK[1:0] configured in
output, measured on rising and
falling edge
3.5
-
-
tHDCCKO
Data hold time with respect
to MDF_CCK[1:0] output
1.5
-
-
tSUCCKOLF
Data setup time with respect
to MDF_CCK[1:0] output
In LF_MASTER SPI mode,
MDF_CCK[1:0] configured in
output, measured on rising and
falling edge
19.5
-
-
tHDCCKOLF
Data hold time with respect
to MDF_CCK[1:0] output
0-
-
1. Evaluated by characterization. Not tested in production.
2. Tmdf_proc_ck is the period of the MDF processing clock.
Table 117. MDF characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max Unit
MSv69125V1
MDF_SDIx (I)
MDF_CKIx (I)
MDF_CCK (I/O)
tSUCKI
tSUCCKI
tSUCCKO
tSUCCKOLF
fCKI, fCCKI, FCCKO, fCCKOLF
tLCKI, tLCCKI,
tLCCKO
tHDCKI
tHDCCKI
tHDCCKO
tHDCCKOLF
tHCKI, tHCCKI,
tHCCKO
tSUCKI
tSUCCKI
tSUCCKO
tSUCCKOLF
tHDCKI
tHDCCKI
tHDCCKO
tHDCCKOLF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com