Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U535NET3QTR Datasheet(PDF) 237 Page - STMicroelectronics

Part # STM32U535NET3QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535NET3QTR Datasheet(HTML) 237 Page - STMicroelectronics

Back Button STM32U535NET3QTR Datasheet HTML 233Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 234Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 235Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 236Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 237Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 238Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 239Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 240Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 241Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 278 page
background image
DS14217 Rev 1
237/278
STM32U535xx
Electrical characteristics
253
Figure 46. ADF timing diagram
MSv69124V1
ADF_SDIx (I)
ADF_CCK (I/O)
tSUCCKI
tSUCCKO
tSUCCKOLF
fCCKI, fCCKO, fCCKOLF
tLCCKI, tLCCKO,
tLCCKOLF
tHDCCKI
tHDCCKO
tHDCCKOLF
tHCCKI, tHCCKO,
tHCCKOLF
tSUCCKI
tSUCCKO
tSUCCKOLF
tHDCCKI
tHDCCKO
tHDCCKOLF
Table 117. MDF characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max Unit
fCKI
Input clock frequency via
MDF_CKIx pin, in
SLAVE SPI mode
1.71 ≤ VDD ≤ 3.6 V
--
25
MHz
fCCKI
Input clock frequency via
MDF_CCK[1:0] pin, in
SLAVE SPI mode
--
25
fCCKO
Output clock frequency in
MASTER SPI mode
--
25
fCCKOLF
Output clock frequency in
LF_MASTER SPI mode
--
5
fSYMB
Input symbol rate in
Manchester mode
--
20
tHCKI tLCKI
MDF_CKIx input clock high
and low time
In SLAVE SPI mode
2 ×
Tmdf_proc_ck(2)
--
ns
tHCCKI
tLCCKI
MDF_CCK[1:0] input clock
high and low time
In SLAVE SPI mode
2 ×
Tmdf_proc_ck
--
tHCCKO
tLCCKO
MDF_CCK[1:0] output clock
high and low time
In MASTER SPI mode
2 ×
Tmdf_proc_ck
--
tHCCKOLF
tLCCKOLF
MDF_CCK[1:0] output clock
high and low time
In LF_MASTER SPI mode
Tmdf_proc_ck
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com