Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2ICS5401EW/V7 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # SL2ICS5401EW/V7
Description  I•CODE SLI-S/I•CODE SLI-S HC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2ICS5401EW/V7 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button SL2ICS5401EW/V7 Datasheet HTML 11Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 12Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 13Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 14Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 15Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 16Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 17Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 18Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
113730
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.0 — 14 March 2007
15 of 33
NXP Semiconductors
SL2 ICS53/SL2 ICS54
I•CODE SLI-S/I•CODE SLI-S HC
PUBLIC
8.1.3.6 Protect page
Command Code = B6h
With the Page Protection command the page protection condition can be changed under
the following circumstances:
• The related passwords (Read and/or Write password) have been transmitted before
with the Set Password command. If the page is public no password is required.
• The addressed page Protection condition is not locked (see Page Protection
Condition Lock)
Table 23.
Request format
SOF
Flags
Protect
Page
IC Mfg
code
UID
Page
number
Protectio
n Status
CRC16
EOF
8 bits
8 bits
8 bits
64 bits
8 bits
8 bits
16 bits
8 bits
Table 24.
Protection status
Protection Status
32 bit Password Protection
64 bit Password Protection
00h
Public
Public
01h
Read and Write protected by the
Read password
Read and Write protected by the
Read plus Write password
10h
Write protected by the Write
password
Write protected by the Read plus
Write password
11h
Read protected by the Read
password and Write protected by the
Write password
Read and Write protected by the
Read plus Write password
Table 25.
Response format when Error_flag is set
SOF
Flags
Error code
CRC16
EOF
8 bits
8 bits
16 bits
Table 26.
Response format when Error_flag is NOT set
SOF
Flags
CRC16
EOF
8 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com