Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2ICS5401EW/V7 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # SL2ICS5401EW/V7
Description  I•CODE SLI-S/I•CODE SLI-S HC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2ICS5401EW/V7 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button SL2ICS5401EW/V7 Datasheet HTML 22Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 23Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 24Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 25Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 26Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 27Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 28Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 29Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
113730
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.0 — 14 March 2007
26 of 33
NXP Semiconductors
SL2 ICS53/SL2 ICS54
I•CODE SLI-S/I•CODE SLI-S HC
PUBLIC
8.2.3 Destroy
As defined in EPC Specification “13.56 MHz ISM Band Class 1 Radio Frequency (RF)
Identification Tag Interface Specification”.
Remark: With the Destroy command from the EPC command set only the EPC
functionality will be destroyed.
8.3 Long range command
8.3.1 Long range CMD
Command Code = 40h
The Long Range CMD command is designed to allow the use of the higher limits defined
in the ISO/TR 7003:1990. The bit and byte coding is the same as it is defined in EPC
Specification “13.56 MHz ISM Band Class 1 Radio Frequency (RF) Identification Tag
Interface Specification”.
To reduce the number of pulses the redundancy check is changed from a CRC8
calculation to an XOR of the transmitted parameters (Long Range CMD, Data Selector,
Number of Slots)
• Number of slots:
– If the Data Selector is transmitted for EAS the label will ignore the received
Number of Slots parameter and will use always one Slot (like EAS Alarm
command, see Section 8.1.3.16 “EAS alarm”) with EAS. For EAS typically 00h is
used as the value for Number of Slots to reduce the number of transmitted pulses.
– If the Data Selector is transmitted for UID or EPC the label will respond within one
of the transmitted Number of Slots on a pseudo random basis and will calculate a
new slot for a following command.
Labels, which have executed a Destroy EPC command before will not respond to this
command if the Data Selector for EPC is transmitted.
Table 67.
Request format
SSOF
Long Range
CMD
Data
Selector
Number of Slots
XOR
CEOF
8 bits
8 bits
8 bits
8 bits
8 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com