Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2ICS5401EW/V7 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SL2ICS5401EW/V7
Description  I•CODE SLI-S/I•CODE SLI-S HC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2ICS5401EW/V7 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SL2ICS5401EW/V7 Datasheet HTML 8Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 9Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 10Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 11Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 12Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 13Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 14Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 15Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
113730
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.0 — 14 March 2007
12 of 33
NXP Semiconductors
SL2 ICS53/SL2 ICS54
I•CODE SLI-S/I•CODE SLI-S HC
PUBLIC
Table 10.
Response format when Error_flag is set
SOF
Flags
Error code
CRC16
EOF
8 bits
8 bits
16 bits
Table 11.
Response format when Error_flag is NOT set
SOF
Flags
CRC16
EOF
8 bits
16 bits
Remark: If the IC receives an invalid password, it will not execute any following command
until a Power-On Reset (RF Reset) is executed.
8.1.3.3 Write password
Command Code = B4h
With the Write Password command a new password will be written into the related
memory, if the related old password has already been transmitted with a Set Password
command before and the addressed password is not locked (see Section 8.1.3.4 “Lock
password”).
Remark: The Write Password command can only be executed in addressed or selected
mode. The new password takes effect immediately which means that the new password
has to be transmitted with the Set Password command to get access to protected
blocks/pages.
The different passwords are addressed with the Password Identifier.
Table 12.
Request format
SOF
Flags
Write
Passwor
d
IC Mfg
code
UID
Password
Identifier
Password CRC16
EOF
8 bits
8 bits
8 bits
64 bits
8 bits
32 bits
16 bits
8 bits
Table 13.
Password Identifier
Password Identifier
Password
01h
Read
02h
Write
04h
Privacy
08h
Destroy SLI-S
10h
EAS
Table 14.
Response format when Error_flag is set
SOF
Flags
Error code
CRC16
EOF
8 bits
8 bits
16 bits
Table 15.
Response format when Error_flag is NOT set
SOF
Flags
CRC16
EOF
8 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com