Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2ICS5401EW/V7 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SL2ICS5401EW/V7
Description  I•CODE SLI-S/I•CODE SLI-S HC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2ICS5401EW/V7 Datasheet(HTML) 1 Page - NXP Semiconductors

  SL2ICS5401EW/V7 Datasheet HTML 1Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 2Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 3Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 4Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 5Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 6Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 7Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 8Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
SL2 ICS53/SL2 ICS54
I•CODE SLI-S/I•CODE SLI-S HC
Rev. 3.0 — 14 March 2007
Product data sheet
113730
PUBLIC
1. General description
The I•CODE SLI-S/I•CODE SLI-S HC IC is a dedicated chip for smart label applications
with the need for a higher security level, larger memory and/or a product which takes care
of the increasing demand for perfect customer privacy. This IC is the second member of a
product family of smart label ICs based on the ISO standard ISO/IEC 15693 as well as on
EPC Global compliant commands.
The I•CODE system offers the possibility of operating more than one label simultaneously
in the field of the reader antenna (Anticollision). It is designed for long range applications
with a special command for the use under the European regulations.
1.1 Anticollision
An intelligent anticollision function allows to operate more than one tag in the field
simultaneously. The anticollision algorithm selects each tag individually and ensures that
the execution of a transaction with a selected tag is performed correctly without data
corruption resulting from other tags in the field.
1.2 Contactless energy and data transfer
Whenever connected to a very simple and cheap type of antenna (as a result of the
13.56 MHz carrier frequency) made out of a few windings printed, winded, etched or
punched coil the I•CODE SLI-S/I•CODE SLI-S HC IC can be operated without line of sight
up to a distance of 1.5 m (gate width). No battery is needed. When the smart label is
positioned in the field of an interrogator antenna, the high speed RF communication
interface allows to transmit data with up to 53 kbit/s.


Similar Part No. - SL2ICS5401EW/V7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SL2ICS50 NXP-SL2ICS50 Datasheet
830Kb / 28P
I•CODE SLI-L/I•CODE SLI-L HC
Rev. 3.0 - 14 March 2007
SL2ICS5001EW/V1 NXP-SL2ICS5001EW/V1 Datasheet
830Kb / 28P
I•CODE SLI-L/I•CODE SLI-L HC
Rev. 3.0 - 14 March 2007
SL2ICS5101EW/V1 NXP-SL2ICS5101EW/V1 Datasheet
830Kb / 28P
I•CODE SLI-L/I•CODE SLI-L HC
Rev. 3.0 - 14 March 2007
More results

Similar Description - SL2ICS5401EW/V7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SLRM900 PHILIPS-SLRM900 Datasheet
84Kb / 16P
I-CODE Long range reader module hardware
2002 May 24
SLEV900 PHILIPS-SLEV900 Datasheet
145Kb / 16P
I-CODE Evaluation kit
2002 May 23
logo
Rohm
SLR343BD2T ROHM-SLR343BD2T Datasheet
128Kb / 3P
High brightness (SLR343/SLI-343 series) Low power consumption (SLI-343(W) series)
SLI-343DC3F ROHM-SLI-343DC3F Datasheet
139Kb / 4P
SLI-343 Series
SLI-343URCT32 ROHM-SLI-343URCT32 Datasheet
138Kb / 5P
SLI-343 Series
SLI-560X ROHM-SLI-560X Datasheet
982Kb / 12P
SLI-560x/SLA-560x/SLA560x Series
2022.2 - Rev.008
SLI-580X ROHM-SLI-580X Datasheet
764Kb / 12P
SLI-580x/SLA-580x/SLA580x Series
2022.2 - Rev.007
logo
NXP Semiconductors
SL2ICS20 NXP-SL2ICS20 Datasheet
44Kb / 12P
SL2 ICS 20 I?CODE SLI Label IC Bumped Wafer Specification
December 2002
SL2ICS50 NXP-SL2ICS50 Datasheet
830Kb / 28P
I•CODE SLI-L/I•CODE SLI-L HC
Rev. 3.0 - 14 March 2007
SL-EV400 NXP-SL-EV400 Datasheet
225Kb / 16P
I•CODE PEGODA Smart Label Read/Write Device
Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com