Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2ICS5401EW/V7 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # SL2ICS5401EW/V7
Description  I•CODE SLI-S/I•CODE SLI-S HC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2ICS5401EW/V7 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button SL2ICS5401EW/V7 Datasheet HTML 16Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 17Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 18Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 19Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 20Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 21Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 22Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 23Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
113730
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.0 — 14 March 2007
20 of 33
NXP Semiconductors
SL2 ICS53/SL2 ICS54
I•CODE SLI-S/I•CODE SLI-S HC
PUBLIC
The requested page(s) is (are) transmitted in the following format and repeated as
necessary (depending on number of pages):
Table 42.
Page protection status byte
Page Protection Status byte
Block data
00h:
page is public (not protected with Read password) or
the valid Read password has been transmitted before
16 byte page data content
0Fh:
page is protected with the Read password and the valid
Read password has not been transmitted before
no data
If the Option flag in the request is set to 1 the response contains:
Table 43.
Response format
SOF
Flags
Rest of UID which is not part of
the mask and slot number
Data
CRC16 EOF
8 bits
0 to 64 bit
Page status & data
16 bits
Multiple of 8 bits
Repeated as needed
The I•CODE SLI-S/I•CODE SLI-S HC IC reads the requested page(s) including page
protection status and sends back their value in the response. Additionally the bytes of the
UID, which are not parts of the mask and the slot number in case of 16 slots, are returned.
Instead of a padding with zeros up to the next byte boundary the corresponding bits of the
UID are returned. The mechanism and timing of the Inventory Page Read command
perform the same as at the Inventory command which is described in Clause 8 of
ISO/IEC 15693-3.
The requested page(s) is (are) transmitted in the following format and repeated as
necessary (depending on number of pages):
Table 44.
Page protection status byte
Page Protection Status Byte
Block Data
00h:
page is public (not protected with Read password) or
the valid Read password has been transmitted before
16 byte page data content
0Fh:
page is protected with the Read password and the valid
Read password has not been transmitted before
no data
Remark: The number of bits of the re-transmitted UID can be calculated as follows:
• 16 slots:
– 60 bits (bit 64 to bit 5) - mask length rounded up to the next byte boundary
• 1 slot:
– 64 bits - mask length rounded up to the next byte boundary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com