Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2ICS5401EW/V7 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SL2ICS5401EW/V7
Description  I•CODE SLI-S/I•CODE SLI-S HC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2ICS5401EW/V7 Datasheet(HTML) 4 Page - NXP Semiconductors

  SL2ICS5401EW/V7 Datasheet HTML 1Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 2Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 3Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 4Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 5Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 6Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 7Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 8Page - NXP Semiconductors SL2ICS5401EW/V7 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
113730
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.0 — 14 March 2007
4 of 33
NXP Semiconductors
SL2 ICS53/SL2 ICS54
I•CODE SLI-S/I•CODE SLI-S HC
PUBLIC
3. Applications
Supply Chain Management
Asset Management
Container Identification
Pallet & Case Tracking
4. Quick reference data
The data sheet describes the functionality of the smart label ICs I•CODE SLI-S and
I•CODE SLI-S HC. These ICs distinguish between the built in resonance capacitance.
The I•CODE SLI-S HC shows a higher capacitance value than the I•CODE SLI-S.
Therefore with the I•CODE SLI-S HC smaller label designs can be realized.
Table 1:
Quick reference data
Symbol
Description
Min
Typ[1]
Max
Unit
SL2 ICS53
I•CODE SLI-S
23.5
pF
SL2 ICS54
I•CODE SLI-S HC
97.0
pf
[1]
Typical values are not guaranteed. These values listed are at room temperature.
5. Ordering information
Table 2:
Ordering information
Type number
Package
Name
Description
Version
SL2 ICS5301EW/V7
FFC
sawn wafer 150
µm on film frame carrier
-
SL2 FCS5301EV/DH
FCP
Flip Chip Package
-
SL2 MOS5301EV
MOA2
Module for contactless chip card ICs PLMCC-05
SOT500AA1
SL2 ICS5401EW/V7
FFC
sawn wafer 150
µm on film frame carrier
-
SL2 FCS5401EV/DH
FCP
Flip Chip Package
-
SL2 MOS5401EV
MOA2
Module for contactless chip card ICs PLMCC-05
SOT500AA1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com