Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C554 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 80C554
Description  80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C554 Datasheet(HTML) 5 Page - NXP Semiconductors

  80C554 Datasheet HTML 1Page - NXP Semiconductors 80C554 Datasheet HTML 2Page - NXP Semiconductors 80C554 Datasheet HTML 3Page - NXP Semiconductors 80C554 Datasheet HTML 4Page - NXP Semiconductors 80C554 Datasheet HTML 5Page - NXP Semiconductors 80C554 Datasheet HTML 6Page - NXP Semiconductors 80C554 Datasheet HTML 7Page - NXP Semiconductors 80C554 Datasheet HTML 8Page - NXP Semiconductors 80C554 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
Philips Semiconductors
Preliminary specification
80C554/83C554/87C554
80C51 8-bit microcontroller – 6 clock operation
16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM,
capture/compare, high I/O, 64L LQFP
2000 Nov 10
5
PIN DESCRIPTION
PIN NO.
MNEMONIC
LQFP
TYPE
NAME AND FUNCTION
VDD
9
I
Digital Power Supply: Positive voltage power supply pin during normal operation, idle and
power-down mode.
STADC
10
I
Start ADC Operation: Input starting analog to digital conversion (ADC operation can also be
started by software).
PWM0
11
O
Pulse Width Modulation: Output 0.
PWM1
12
O
Pulse Width Modulation: Output 1.
EW
13
I
Enable Watchdog Timer: Enable for T3 watchdog timer and disable power-down mode.
P0.0-P0.7
54–61
I/O
Port 0: Port 0 is an 8-bit open-drain bidirectional I/O port. Port 0 pins that have 1s written to them
float and can be used as high-impedance inputs. Port 0 is also the multiplexed low-order address
and data bus during accesses to external program and data memory. In this application it uses
strong internal pull-ups when emitting 1s. Port 0 is also used to input the code byte during
programming and to output the code byte during verification.
P1.0-P1.7
23–30
I/O
Port 1: 8-bit I/O port. Alternate functions include:
23–28
I/O
(P1.0-P1.5): Programmable I/O port pins.
29–30
I/O
(P1.6, P1.7): Open drain port pins.
23–26
I
CT0I-CT3I (P1.0-P1.3): Capture timer input signals for timer T2.
27
I
T2 (P1.4): T2 event input.
28
I
RT2 (P1.5): T2 timer reset signal. Rising edge triggered.
29
I/O
SCL (P1.6): Serial port clock line I2C-bus.
30
I/O
SDA (P1.7): Serial port data line I2C-bus.
Port 1 has four modes selected on a per bit basis by writing to the P1M1 and P1M2 registers as
follows:
P1M1.x
P1M2.x
Mode Description
0
0
Pseudo–bidirectional (standard c51 configuration; default)
0
1
Push-Pull
1
0
High impedance
1
1
Open drain
Port 1 is also used to input the lower order address byte during EPROM programming and
verification. A0 is on P1.0, etc.
P2.0-P2.7
43–50
I/O
Port 2: 8-bit programmable I/O port.
Alternate function: High-order address byte for external memory (A08-A15). Port 2 is also used to
input the upper order address during EPROM programming and verification. A8 is on P2.0, A9 on
P2.1, through A13 on P2.5.
Port 2 has four output modes selected on a per bit basis by writing to the P2M1 and P2M2 registers
as follows:
P2M1.x
P2M2.x
Mode Description
0
0
Pseudo–bidirectional (standard c51 configuration; default)
0
1
Push-Pull
1
0
High impedance
1
1
Open drain
P3.0-P3.7
31–38
I/O
Port 3: 8-bit programmable I/O port. Alternate functions include:
31
RxD(P3.0): Serial input port.
32
TxD (P3.1): Serial output port.
33
INT0 (P3.2): External interrupt.
34
INT1 (P3.3): External interrupt.
35
T0 (P3.4): Timer 0 external input.
36
T1 (P3.5): Timer 1 external input.
37
WR (P3.6): External data memory write strobe.
38
RD (P3.7): External data memory read strobe.
Port 3 has four modes selected on a per bit basis by writing to the P3M1 and P3M2 registers as
follows:
P3M1.x
P3M2.x
Mode Description
0
0
Pseudo–bidirectional (standard c51 configuration; default)
0
1
Push–Pull
1
0
High impedance
1
1
Open drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com