Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C554 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # 80C554
Description  80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C554 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button 80C554 Datasheet HTML 27Page - NXP Semiconductors 80C554 Datasheet HTML 28Page - NXP Semiconductors 80C554 Datasheet HTML 29Page - NXP Semiconductors 80C554 Datasheet HTML 30Page - NXP Semiconductors 80C554 Datasheet HTML 31Page - NXP Semiconductors 80C554 Datasheet HTML 32Page - NXP Semiconductors 80C554 Datasheet HTML 33Page - NXP Semiconductors 80C554 Datasheet HTML 34Page - NXP Semiconductors 80C554 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 76 page
background image
Philips Semiconductors
Preliminary specification
80C554/83C554/87C554
80C51 8-bit microcontroller – 6 clock operation
16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM,
capture/compare, high I/O, 64L LQFP
2000 Nov 10
31
PCT0
BIT
SYMBOL
FUNCTION
IP1.7
PT2
T2 overflow interrupt(s) priority level
IP1.6
PCM2
T2 comparator 2 interrupt priority level
IP1.5
PCM1
T2 comparator 1 interrupt priority level
IP1.4
PCM0
T2 comparator 0 interrupt priority level
IP1.3
PCT3
T2 capture register 3 interrupt priority level
IP1.2
PCT2
T2 capture register 2 interrupt priority level
IP1.1
PCT1
T2 capture register 1 interrupt priority level
IP1.0
PCT0
T2 capture register 0 interrupt priority level
SU00764
PCT1
PCT2
PCT3
PCM0
PCM1
PCM2
PT2
0
1
2
3
4
5
6
7
(LSB)
(MSB)
IP1 (F8H)
Figure 31. Interrupt Priority Register (IP1)
PCT0H
BIT
SYMBOL
FUNCTION
IP1H.7
PT2H
T2 overflow interrupt(s) priority level high
IP1H.6
PCM2H
T2 comparator 2 interrupt priority level high
IP1H.5
PCM1H
T2 comparator 1 interrupt priority level high
IP1H.4
PCM0H
T2 comparator 0 interrupt priority level high
IP1H.3
PCT3H
T2 capture register 3 interrupt priority level high
IP1H.2
PCT2H
T2 capture register 2 interrupt priority level high
IP1H.1
PCT1H
T2 capture register 1 interrupt priority level high
IP1H.0
PCT0H
T2 capture register 0 interrupt priority level high
SU00984
PCT1H
PCT2H
PCT3H
PCM0H
PCM1H
PCM2H
PT2H
0
1
2
3
4
5
6
7
(LSB)
(MSB)
IP1H (F7H)
Figure 32. Interrupt Priority Register High (IP1H)
Table 3.
Interrupt Priority Structure
SOURCE
NAME
PRIORITY WITHIN LEVEL
External interrupt 0
X0
(highest)
↑
SIO1 (I2C)
S1
ADC completion
ADC
Timer 0 overflow
T0
T2 capture 0
CT0
T2 compare 0
CM0
External interrupt 1
X1
T2 capture 1
CT1
T2 compare 1
CM1
Timer 1 overflow
T1
T2 capture 2
CT2
T2 compare 2
CM2
SIO0 (UART)
S0
T2 capture 3
CT3
Timer T2 overflow
T2
↓
(lowest)
Table 4.
Interrupt Vector Addresses
SOURCE
NAME
VECTOR ADDRESS
External interrupt 0
X0
0003H
Timer 0 overflow
T0
000BH
External interrupt 1
X1
0013H
Timer 1 overflow
T1
001BH
SIO0 (UART)
S0
0023H
SIO1 (I2C)
S1
002BH
T2 capture 0
CT0
0033H
T2 capture 1
CT1
003BH
T2 capture 2
CT2
0043H
T2 capture 3
CT3
004BH
ADC completion
ADC
0053H
T2 compare 0
CM0
005BH
T2 compare 1
CM1
0063H
T2 compare 2
CM2
006BH
T2 overflow
T2
0073H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com