Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C554 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # 80C554
Description  80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C554 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button 80C554 Datasheet HTML 67Page - NXP Semiconductors 80C554 Datasheet HTML 68Page - NXP Semiconductors 80C554 Datasheet HTML 69Page - NXP Semiconductors 80C554 Datasheet HTML 70Page - NXP Semiconductors 80C554 Datasheet HTML 71Page - NXP Semiconductors 80C554 Datasheet HTML 72Page - NXP Semiconductors 80C554 Datasheet HTML 73Page - NXP Semiconductors 80C554 Datasheet HTML 74Page - NXP Semiconductors 80C554 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 76 page
background image
Philips Semiconductors
Preliminary specification
80C554/83C554/87C554
80C51 8-bit microcontroller – 6 clock operation
16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM,
capture/compare, high I/O, 64L LQFP
2000 Nov 10
71
SU01471
TYPICAL ACTIVE MODE
MAXIMUM IDLE MODE
TYPICAL IDLE MODE
MAXIMUM ACTIVE MODE
4
24
6
8
FREQ AT XTAL1 (MHz)
10
12
14
16
12
20
24
8
16
28
0
0
32
Figure 57. 16 MHz Version Supply Current (IDD) as a Function of Frequency at XTAL1 (fOSC)
VDD
P0
EA
RST
XTAL1
XTAL2
VSS
VDD
VDD
VDD
IDD
(NC)
CLOCK SIGNAL
VDD
P1.6
P1.7
STADC
AVSS
AVref–
EW
SU00218
Figure 58. IDD Test Condition, Active Mode
All other pins are disconnected1
1. Active Mode:
a. The following pins must be forced to VDD: EA, RST, Port 0, and EW.
b. The following pins must be forced to VSS: STADC, AVss, and AVref–.
c. Ports 1.6 and 1.7 should be connected to VDD through resistors of sufficiently high value such that the sink current into these pins
cannot exceed the IOL1 spec of these pins.
d. The following pins must be disconnected: XTAL2 and all pins not specified above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com