Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C554 Datasheet(PDF) 67 Page - NXP Semiconductors

Part # 80C554
Description  80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C554 Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button 80C554 Datasheet HTML 63Page - NXP Semiconductors 80C554 Datasheet HTML 64Page - NXP Semiconductors 80C554 Datasheet HTML 65Page - NXP Semiconductors 80C554 Datasheet HTML 66Page - NXP Semiconductors 80C554 Datasheet HTML 67Page - NXP Semiconductors 80C554 Datasheet HTML 68Page - NXP Semiconductors 80C554 Datasheet HTML 69Page - NXP Semiconductors 80C554 Datasheet HTML 70Page - NXP Semiconductors 80C554 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 76 page
background image
Philips Semiconductors
Preliminary specification
80C554/83C554/87C554
80C51 8-bit microcontroller – 6 clock operation
16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM,
capture/compare, high I/O, 64L LQFP
2000 Nov 10
67
Table 11. I2C-bus interface timing
All values referred to VIH(min) and VIL(max) levels; see Figure 565.
I2C-BUS
SYMBOL
PARAMETER
INPUT
OUTPUT
tHD;STA
START condition hold time
≥ 7 tCLK
> 4.0
µs1
tLOW
LOW period of the SCL clock
≥ 8 tCLK
> 4.7
µs1
tHIGH
HIGH period of the SCL clock
≥ 7 tCLK
> 4.0
µs1
tRC
Rise time of SCL signals
≤ 1 µs
–2
tFC
Fall time of SCL signals
≤ 0.3 µs
< 0.3
µs3
tSU;DAT1
Data set-up time
≥ 250 ns
> 10 tCLK–tRD
tSU;DAT2
SDA set-up time (before repeated START condition)
≥ 250 ns
> 1
µs1
tSU;DAT3
SDA set-up time (before STOP condition)
≥ 250 ns
> 4 tCLK
tHD;DAT
Data hold time
≥ 0 ns
> 4 tCLK–tFC
tSU;STA
Set-up time for a repeated START condition
≥ 7 tCLK
> 4.7
µs1
tSU;STO
Set-up time for STOP condition
≥ 7 tCLK
> 4.0
µs1
tBUF
Bus free time between
≥ 7 tCLK
> 4.7
µs1
tRD
Rise time of SDA signals
≤ 1 µs
–2
tFD
Fall time of SDA signals
≤ 0.3 µs
< 0.3
µs3
NOTES
1. At 100 kbit/s. At other bit rates this value is inversely proportional to the bit-rate of 100 kbit/s.
2. Determined by the external bus-line capacitance and the external bus-line pull-resistor, this must be < 1
µs.
3. Spikes of the SDA and SCL lines with a duration of less than 3 tCLK will be filtered out. Maximum capacitance on bus-lines SDA and
SCL = 400 pF.
4. tCLK = 1/fCLK = one oscillator clock period at pin XTAL1. For 83 ns < tCLK < 285 ns (12 MHz > fCLK > 3.5 MHz) the SI01 interface meets the
I2C-bus specification for bit-rates up to 100 kbit/s.
5. These values are guaranteed but not 100% production tested.
6. See application note AN457 for external memory interface.
7. Parts are guaranteed to operate down to 0Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com