Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C554 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # 80C554
Description  80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C554 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button 80C554 Datasheet HTML 22Page - NXP Semiconductors 80C554 Datasheet HTML 23Page - NXP Semiconductors 80C554 Datasheet HTML 24Page - NXP Semiconductors 80C554 Datasheet HTML 25Page - NXP Semiconductors 80C554 Datasheet HTML 26Page - NXP Semiconductors 80C554 Datasheet HTML 27Page - NXP Semiconductors 80C554 Datasheet HTML 28Page - NXP Semiconductors 80C554 Datasheet HTML 29Page - NXP Semiconductors 80C554 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 76 page
background image
Philips Semiconductors
Preliminary specification
80C554/83C554/87C554
80C51 8-bit microcontroller – 6 clock operation
16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM,
capture/compare, high I/O, 64L LQFP
2000 Nov 10
26
(MSB)
(LSB)
AADR2 AADR1
AADR0
76
5
4
3
2
1
0
ADCON (C5H)
ADCON.7
ADC.1
Bit 1 of ADC result
Bit 0 of ADC result
Enable external start of conversion by STADC
0 = Conversion can be started by software only (by setting ADCS)
1 = Conversion can be started by software or externally (by a rising edge on STADC)
Bit
Symbol
Function
ADEX
ADCI ADCS
ADC.1
ADC.0
ADCON.6
ADC.0
ADCON.5
ADEX
ADC interrupt flag: this flag is set when an A/D conversion result is ready to be read. An interrupt is
invoked if it is enabled. The flag may be cleared by the interrupt service routine. While this flag is set,
the ADC cannot start a new conversion. ADCI cannot be set by software.
ADCON.4
ADCI
ADC start and status: setting this bit starts an A/D conversion. It may be set by software or by the
external signal STADC. The ADC logic ensures that this signal is HIGH while the ADC is busy. On
completion of the conversion, ADCS is reset immediately after the interrupt flag has been set. ADCS
cannot be reset by software. A new conversion may not be started while either ADCS or ADCI is high.
ADCON.3
ADCS
ADCI
ADCS
ADC Status
0
0
ADC not busy; a conversion can be started
0
1
ADC busy; start of a new conversion is blocked
1
0
Conversion completed; start of a new conversion requires ADCI=0
1
1
Conversion completed; start of a new conversion requires ADCI=0
ADCON.2
AADR2
ADCON.1
AADR1
ADCON.0
AADR0
Analogue input select: this binary coded address selects one of the
eight analogue port bits of P5 to be input to the converter. It can only
be changed when ADCI and ADCS are both LOW.
AADR2
AADR1
Selected Analog Channel
0
0
ADC0 (P5.0)
0
0
ADC1 (P5.1)
AADR0
0
1
0
1
ADC2 (P5.2)
0
0
1
ADC3 (P5.3)
1
1
0
ADC4 (P5.4)
0
1
0
ADC5 (P5.5)
1
1
1
ADC6 (P5.6)
0
If ADCI is cleared by software while ADCS is set at the same time, a new A/D conversion with the
same channel number may be started.
But it is recommended to reset ADCI
before ADCS is set.
SU01468
Reset Value = xx00 0000B
Figure 23. ADC Control Register (ADCON)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com