Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C554 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # 80C554
Description  80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C554 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button 80C554 Datasheet HTML 51Page - NXP Semiconductors 80C554 Datasheet HTML 52Page - NXP Semiconductors 80C554 Datasheet HTML 53Page - NXP Semiconductors 80C554 Datasheet HTML 54Page - NXP Semiconductors 80C554 Datasheet HTML 55Page - NXP Semiconductors 80C554 Datasheet HTML 56Page - NXP Semiconductors 80C554 Datasheet HTML 57Page - NXP Semiconductors 80C554 Datasheet HTML 58Page - NXP Semiconductors 80C554 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 76 page
background image
Philips Semiconductors
Preliminary specification
80C554/83C554/87C554
80C51 8-bit microcontroller – 6 clock operation
16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM,
capture/compare, high I/O, 64L LQFP
2000 Nov 10
55
!********************************************************************************************************
!********************************************************************************************************
! MASTER STATE SERVICE ROUTINES
!********************************************************************************************************
! State 08 and State 10 are both for MST/TRX and MST/REC.
! The R/W bit decides whether the next state is within
! MST/TRX mode or within MST/REC mode.
!********************************************************************************************************
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
! STATE
: 08, A, START condition has been transmitted.
! ACTION : SLA+R/W are transmitted, ACK bit is received.
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
.sect
mts8
.base
0x108
0108
8551DA
mov
S1DAT,SLA
! Load SLA+R/W
010B
75D8C5
mov
S1CON,#ENS1_NOTSTA_NOTSTO_NOTSI_AA_CR0
! clr SI
010E
01A0
ajmp INITBASE1
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
! STATE
: 10, A repeated START condition has been
!
transmitted.
! ACTION : SLA+R/W are transmitted, ACK bit is received.
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
.sect
mts10
.base
0x110
0110
8551DA
mov
S1DAT,SLA
! Load SLA+R/W
0113
75D8C5
mov
S1CON,#ENS1_NOTSTA_NOTSTO_NOTSI_AA_CR0
! clr SI
010E
01A0
ajmp INITBASE1
.sect
ibase1
.base
0xa0
00A0
75D018
INITBASE1:
mov
psw,#SELRB3
00A3
7930
mov
r1,#MTD
00A5
7838
mov
r0,#MRD
00A7
855253
mov
BACKUP,NUMBYTMST
! Save initial value
00AA
D0D0
pop
psw
00AC
32
reti
!********************************************************************************************************
!********************************************************************************************************
! MASTER TRANSMITTER STATE SERVICE ROUTINES
!********************************************************************************************************
!********************************************************************************************************
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
! STATE
: 18, Previous state was STATE 8 or STATE 10, SLA+W have been transmitted,
!
ACK has been received.
! ACTION : First DATA is transmitted, ACK bit is received.
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
.sect
mts18
.base
0x118
0118
75D018
mov
psw,#SELRB3
011B
87DA
mov
S1DAT,@r1
011D
01B5
ajmp CON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com