Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80KSW0004 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # 80KSW0004
Description  12-Port Serial RapidIO® Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0004 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button 80KSW0004 Datasheet HTML 28Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 29Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 30Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 31Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 32Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 33Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 34Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 35Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
32 of 47
March 31, 2008
IDT80KSW0004
Datasheet
The Instruction Register contains four shift-register-based cells that can hold instruction data. This register is decoded to perform the following func-
tions:
–
To select test data registers that may operate while the instruction is current. The other test data registers should not interfere with chip oper-
ation and selected data registers.
–
To define the serial test data register path used to shift data between TDI and TDO during data register scanning.
The Instruction Register is comprised of 4 bits to decode instructions, as shown in the table below.
EXTEST
The external test (EXTEST) instruction is used to control the boundary scan register, once it has been initialized using the SAMPLE/PRELOAD
instruction. Using EXTEST, the user can then sample inputs from or load values onto the external pins of the CPS-12. Once this instruction is selected,
the user then uses the SHIFT-DR TAP controller state to shift values into the boundary scan chain. When the TAP controller passes through the
UPDATE-DR state, these values will be latched onto the output pins or into the output enables.
Instruction
Definition
OPcode
[3:0]
EXTEST
Mandatory instruction allowing the testing of board level interconnections.
Data is typically loaded onto the latched parallel outputs of the boundary scan
shift register using the SAMPLE/PRELOAD instruction prior to use of the
EXTEST instruction. EXTEST will then hold these values on the outputs while
being executed. Also see the CLAMP instruction for similar capability.
0000
SAMPLE/
PRELOAD
Mandatory instruction that allows data values to be loaded onto the latched
parallel output of the boundary-scan shift register prior to selection of the
other boundary-scan test instruction. The Sample instruction allows a snap-
shot of data flowing from the system pins to the on-chip logic or vice versa.
0001
IDCODE
Provided to select Device Identification to read out manufacturer’s identity,
part, and version number.
0010
HIGHZ
Tri-states all output and bidirectional boundary scan cells.
0011
CLAMP
Provides JTAG user the option to bypass the part’s JTAG controller while
keeping the part outputs controlled similar to EXTEST.
0100
EXTEST_PULSE AC Extest instruction implemented in accordance with the requirements of the
IEEE std. 1149.6 specification.
0101
EXTEST_TRAIN
AC Extest instruction implemented in accordance with the requirements of the
IEEE std. 1149.6 specification.
0110
RESERVED
Behaviorally equivalent to the BYPASS instruction as per the IEEE std.
1149.1 specification. However, the user is advised to use the explicit
BYPASS instruction.
0111 — 1001
CONFIGURA-
TION REGIS-
TER ACCESS
(CRA)
CPS-12-specific opcode to allow reading and writing of the configuration reg-
isters. Reads and writes must be 32-bits. See further detail below.
1010
PRIVATE
For internal use only. Do not use.
1011 — 1100
RESERVED
Behaviorally equivalent to the BYPASS instruction as per the IEEE std.
1149.1 specification. However, the user is advised to use the explicit
BYPASS instruction.
1101
PRIVATE
For internal use only. Do not use.
1110
BYPASS
The BYPASS instruction is used to truncate the boundary scan register as a
single bit in length.
1111
Table 27 Instructions Supported By CPS-12’s JTAG Boundary Scan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com