Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80KSW0004 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # 80KSW0004
Description  12-Port Serial RapidIO® Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0004 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button 80KSW0004 Datasheet HTML 16Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 17Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 18Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 19Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 20Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 21Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 22Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 23Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
20 of 47
March 31, 2008
IDT80KSW0004
Datasheet
The differential return loss, S11, of the transmitter in each case shall be better than
-10 dB for (Baud Frequency)/10 < Freq(f) < 625 MHz, and
-10 dB + 10log(f/625 MHz) dB for 625 MHz <= Freq(f) <= Baud Frequency
The reference impedance for the differential return loss measurements is 100 Ohm resistive. Differential return loss includes contributions from on-
chip circuitry, chip packaging and any off-chip components related to the driver. The output impedance requirement applies to all valid output levels.
The CPS-12 satisfies the specification requirement that the 20%-80% rise/fall time of the transmitter, as measured at the transmitter output, in each
case has a minimum value 60 ps.
Similarly the timing skew at the output of an LP-Serial transmitter between the two signals that comprise a differential pair does not exceed 25 ps at
1.25 GB, 20 ps at 2.50GB and 15 ps at 3.125 GB.
Table 14 Short Run Transmitter AC Timing Specifications - 1.25 GBaud
Table 15 Short Run Transmitter AC Timing Specifications - 2.5 GBaud
Symbol
Parameter
Range
Unit
Notes
Min
Max
VO
Output Voltage
-0.40
2.30
Volts
Voltage relative to COM-
MON of either signal com-
prising a differential pair.
VDIFF PP
Differential Output Voltage
500
1000
mV p-p
JD
Deterministic Jitter
-
0.17
UI p-p
JT
Total Jitter
-
0.35
UI p-p
SMO
Multiple Output Skew
-
1000
ps
Skew at the transmitter
output between lanes of a
multilane link
UI
Unit Interval
800
800
ps
+/- 100 ppm
Symbol
Parameter
Range
Unit
Notes
Min
Max
VO
Output Voltage
-0.40
2.30
Volts
Voltage relative to COM-
MON of either signal com-
prising a differential pair.
VDIFF PP
Differential Output Voltage
500
1000
mV p-p
JD
Deterministic Jitter
-
0.17
UI p-p
JT
Total Jitter
-
0.35
UI p-p
SMO
Multiple Output Skew
-
1000
ps
Skew at the transmitter
output between lanes of a
multilane link
UI
Unit Interval
400
400
ps
+/- 100 ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com