Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80KSW0004 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 80KSW0004
Description  12-Port Serial RapidIO® Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0004 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 80KSW0004 Datasheet HTML 2Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 3Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 4Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 5Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 6Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 7Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 8Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 9Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
6 of 47
March 31, 2008
IDT80KSW0004
Datasheet
8 Absolute Maximum Ratings(1)
Table 1 Absolute Maximum Rating
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
2. This is a steady-state DC parameter that applies after the power supply has reached its nominal operating value. Power sequencing is not
necessary; however, the voltage on any Input or I/O pin cannot exceed its corresponding supply voltage during power supply ramp up.
3. Ambient Temperature under DC Bias. No AC Conditions.
Symbol
Rating
Commercial & Industrial
Unit
VTERM (VDD3)VDD3 Terminal Voltage with
Respect to GND
-0.5 to 3.6
V
VTERM
(2) (VDD3-supplied
interfaces)
Input or I/O Terminal
Voltage with Respect to
GND
-0.3 to VDD3+0.3
V
VTERM (VDD)VDD Terminal Voltage with
Respect to GND
-0.5 to 1.5
V
VTERM
(2) (VDD-supplied
interfaces)
Input or I/O Terminal
Voltage with Respect to
GND
-0.3 to VDD+0.3
V
VTERM (VDDS)VDDS Terminal Voltage with
Respect to GNDS
-0.5 to 1.5
V
VTERM
(2) (VDDS-supplied
interfaces)
Input or I/O Terminal
Voltage with Respect to
GNDS
-0.3 to VDDS+0.3
V
VTERM (VDDA)VDDA Terminal Voltage with
Respect to GNDS
-0.5 to 1.5
V
VTERM
(2) (VDDA-supplied
interfaces)
Input or I/O Terminal
Voltage with Respect to
GNDS
-0.3 to VDDA+0.3
V
TBIAS
(3)
Temperature Under Bias
-55 to +125
C
TSTG
Storage Temperature
-65 to +150
C
TJN
Junction Temperature
+125
C
IOUT (For VDD3 = 3.3V)
DC Output Current
30
mA
IOUT (For VDD3 = 2.5V)
DC Output Current
30
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com