Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80KSW0004 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 80KSW0004
Description  12-Port Serial RapidIO® Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0004 Datasheet(HTML) 5 Page - Renesas Technology Corp

  80KSW0004 Datasheet HTML 1Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 2Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 3Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 4Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 5Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 6Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 7Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 8Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
5 of 47
March 31, 2008
IDT80KSW0004
Datasheet
I2C Bus
This interface may be used as an alternative to the standard sRIO or JTAG ports to program the chip and to check the status of registers - including
the error reporting registers. It is fully compliant with the I2C specification, it supports master mode and slave mode, also supports both Fast-mode and
Standard-mode buses [1]. Refer to the “I2C” section for full detail.
JTAG TAP Port
This TAP interface is IEEE1149.1 (JTAG) and 1149.6 (AC Extest) compliant [10, 11]. It may also be used as an alternative to the standard sRIO or I2C
ports to program the chip and to check the status of registers - including the error reporting registers. It has 5 pins. Refer to the JTAG chapter for full
detail.
Interrupt (IRQ)
An interrupt output is provided in support of Error Management functionality. This output may be used to flag a host processor in the event of error
conditions within the device. Refer to the Error Handling chapter for full detail.
Reset
A single Reset pin is used for full reset of the CPS-12, including setting all registers to power-up defaults. Refer to the Reset & Intialization chapter for
full detail.
Clock
The single system clock (REF_CLK+ / -) is a 156.25MHz differential clock.
Rext (Rextn & Rextp)
These pins are used to establish the drive bias on the SerDes output. An external bias resistor is required. The two pins must be connected to one
another with a 12k Ohm resistor. This provides CML driver stability across process and temperature.
SPD[1:0]
Speed Select Pins. These pins define the sRIO port speed at RESET for all ports. The RESET setting may be overridden by subsequent program-
ming of the QUAD_CTRL register. SPD[1:0] = {00 = 1.25G, 01 = 2.5G, 10 = 3.125G, 11 = RESERVED}. These pins must remain STATICALLY
BIASED before power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com