Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80KSW0004 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # 80KSW0004
Description  12-Port Serial RapidIO® Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0004 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button 80KSW0004 Datasheet HTML 13Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 14Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 15Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 16Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 17Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 18Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 19Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 20Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
17 of 47
March 31, 2008
IDT80KSW0004
Datasheet
I2C Timing Waveforms
Figure 12 I2C Timing Waveforms
14 Interrupt (IRQ) Electrical Specifications
At recommended operating conditions with VDD3 = 3.3V ± 5%
Table 12 IRQ Electrical Specifications (VDD3 = 3.3V ± 5%)
tSU;STO
tHD;STA
tSU;STA
tSU;DAT
tHD;DAT
tHIGH
tHD;STA
tLOW
SDA
SCL
tBUF
Parameter
Symbol
Min
Max
Unit
Low level output voltage (IOL = 4mA, VDD3 =
Min.)
VOL
0
0.4
V
Output fall time from VIH(min) to VIL(max) with a
bus capacitance from 10pF to 400pF
tOF
-
25
ns
Input current each I/O pin (input voltage is
between 0.1 x VDD3 and 0.9 x VDD3 (max))
II
-10
10
uA
Capacitance for IRQ
CI
-
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com