Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80KSW0004 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 80KSW0004
Description  12-Port Serial RapidIO® Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0004 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 80KSW0004 Datasheet HTML 3Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 4Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 5Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 6Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 7Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 8Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 9Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 10Page - Renesas Technology Corp 80KSW0004 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
7 of 47
March 31, 2008
IDT80KSW0004
Datasheet
9 Recommended Temperature and Operating Voltage1
Table 2 Recommended Temperature and Operating Voltage
NOTES:
1. Power sequencing is not necessary; however, the voltage on any Input or I/O pin cannot exceed its corresponding supply voltage during power
supply ramp up. The device is not sensitive to supply rise and fall times, and thus these are not specified.
2. VDD3, VDDA, and VDDS share a common ground (GNDS). Core supply and ground are VDD and GND respectively.
3. VDD3 may be operated at either 3.3V or 2.5V simply by providing that supply voltage. For those interfaces operating on this supply, this datasheet
provides input and output specifications at each of these voltages.
4. VDDS & VDDA may be tied to a common power plane. VDD (core, digital supply) should have its own supply and plane.
10 AC Test Conditions
Grade
Ambient
Temperature
Ground(2)
Supply Voltage(4)
Commercial
0
°C to 70°C
GND = 0V
GNDS = 0V
VDD = 1.2 +/- 5%
VDDS = 1.2 +/- 5%
VDD3(3) = 3.3 +/- 5%
or 2.5V +/- 100mV
VDDA = 1.2 +/- 5%
Industrial
-40
°C to 85°C
GND = 0V
GNDS = 0V
VDD = 1.2 +/- 5%
VDDS = 1.2 +/- 5%
VDD3(3) = 3.3 +/- 5%
or 2.5V +/- 100mV
VDDA = 1.2 +/- 5%
Input Pulse Levels
GND to 3.0V /
GND to 2.4V
Input Rise / Fall
Times
2ns
Input Timing Refer-
ence Levels
1.5V / 1.25V
Output Reference
Levels
1.5V / 1.25V
Output Load
Figures 4
Table 3 AC Test Conditions (VDD3=3.3V / 2.5V): JTAG, I2C, RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com