Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83C554 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # 83C554
Description  80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C554 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button 83C554 Datasheet HTML 42Page - NXP Semiconductors 83C554 Datasheet HTML 43Page - NXP Semiconductors 83C554 Datasheet HTML 44Page - NXP Semiconductors 83C554 Datasheet HTML 45Page - NXP Semiconductors 83C554 Datasheet HTML 46Page - NXP Semiconductors 83C554 Datasheet HTML 47Page - NXP Semiconductors 83C554 Datasheet HTML 48Page - NXP Semiconductors 83C554 Datasheet HTML 49Page - NXP Semiconductors 83C554 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 76 page
background image
Philips Semiconductors
Preliminary specification
80C554/83C554/87C554
80C51 8-bit microcontroller – 6 clock operation
16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM,
capture/compare, high I/O, 64L LQFP
2000 Nov 10
46
Table 8.
Slave Receiver Mode
STATUS
STATUS OF THE
APPLICATION SOFTWARE RESPONSE
STATUS
CODE
(S1STA)
STATUS OF THE
I2C BUS AND
SIO1 HARDWARE
TO/FROM S1DAT
TO S1CON
NEXT ACTION TAKEN BY SIO1 HARDWARE
(S1STA)
SIO1 HARDWARE
TO/FROM S1DAT
STA
STO
SI
AA
60H
Own SLA+W has
been received; ACK
hb
d
No S1DAT action or
X
0
0
0
Data byte will be received and NOT ACK will be
returned
has been returned
no S1DAT action
X
0
0
1
Data byte will be received and ACK will be returned
68H
Arbitration lost in
SLA+R/W as master;
Own SLA+W has
b
i
d ACK
No S1DAT action or
X
0
0
0
Data byte will be received and NOT ACK will be
returned
been received, ACK
returned
no S1DAT action
X
0
0
1
Data byte will be received and ACK will be returned
70H
General call address
(00H) has been
received; ACK has
No S1DAT action or
X
0
0
0
Data byte will be received and NOT ACK will be
returned
received ACK has
been returned
no S1DAT action
X
0
0
1
Data byte will be received and ACK will be returned
78H
Arbitration lost in
SLA+R/W as master;
General call address
has been received
No S1DAT action or
X
0
0
0
Data byte will be received and NOT ACK will be
returned
has been received,
ACK has been
returned
no S1DAT action
X
0
0
1
Data byte will be received and ACK will be returned
80H
Previously addressed
with own SLV
address; DATA has
b
i
d ACK
Read data byte or
X
0
0
0
Data byte will be received and NOT ACK will be
returned
been received; ACK
has been returned
read data byte
X
0
0
1
Data byte will be received and ACK will be returned
88H
Previously addressed
with own SLA; DATA
bh
b
Read data byte or
0
0
0
0
Switched to not addressed SLV mode; no recognition
of own SLA or General call address
byte has been
received; NOT ACK
has been returned
read data byte or
0
0
0
1
Switched to not addressed SLV mode; Own SLA will
be recognized; General call address will be
recognized if S1ADR.0 = logic 1
read data byte or
1
0
0
0
Switched to not addressed SLV mode; no recognition
of own SLA or General call address. A START
condition will be transmitted when the bus becomes
free
read data byte
1
0
0
1
Switched to not addressed SLV mode; Own SLA will
be recognized; General call address will be
recognized if S1ADR.0 = logic 1. A START condition
will be transmitted when the bus becomes free.
90H
Previously addressed
with General Call;
DATA byte has been
i
d ACK h
Read data byte or
X
0
0
0
Data byte will be received and NOT ACK will be
returned
received; ACK has
been returned
read data byte
X
0
0
1
Data byte will be received and ACK will be returned
98H
Previously addressed
with General Call;
DATA b
h
b
Read data byte or
0
0
0
0
Switched to not addressed SLV mode; no recognition
of own SLA or General call address
DATA byte has been
received; NOT ACK
has been returned
read data byte or
0
0
0
1
Switched to not addressed SLV mode; Own SLA will
be recognized; General call address will be
recognized if S1ADR.0 = logic 1
read data byte or
1
0
0
0
Switched to not addressed SLV mode; no recognition
of own SLA or General call address. A START
condition will be transmitted when the bus becomes
free
read data byte
1
0
0
1
Switched to not addressed SLV mode; Own SLA will
be recognized; General call address will be
recognized if S1ADR.0 = logic 1. A START condition
will be transmitted when the bus becomes free.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com