Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83C554 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # 83C554
Description  80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C554 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button 83C554 Datasheet HTML 26Page - NXP Semiconductors 83C554 Datasheet HTML 27Page - NXP Semiconductors 83C554 Datasheet HTML 28Page - NXP Semiconductors 83C554 Datasheet HTML 29Page - NXP Semiconductors 83C554 Datasheet HTML 30Page - NXP Semiconductors 83C554 Datasheet HTML 31Page - NXP Semiconductors 83C554 Datasheet HTML 32Page - NXP Semiconductors 83C554 Datasheet HTML 33Page - NXP Semiconductors 83C554 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 76 page
background image
Philips Semiconductors
Preliminary specification
80C554/83C554/87C554
80C51 8-bit microcontroller – 6 clock operation
16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM,
capture/compare, high I/O, 64L LQFP
2000 Nov 10
30
ECT0
BIT
SYMBOL
FUNCTION
IEN1.7
ET2
Enable Timer T2 overflow interrupt(s)
IEN1.6
ECM2
Enable T2 Comparator 2 interrupt
IEN1.5
ECM1
Enable T2 Comparator 1 interrupt
IEN1.4
ECM0
Enable T2 Comparator 0 interrupt
IEN1.3
ECT3
Enable T2 Capture register 3 interrupt
IEN1.2
ECT2
Enable T2 Capture register 2 interrupt
IEN1.1
ECT1
Enable T2 Capture register 1 interrupt
IEN1.0
ECT0
Enable T2 Capture register 0 interrupt
SU00755
ECT1
ECT2
ECT3
ECM0
ECM1
ECM2
ET2
0
1
2
3
4
5
6
7
(LSB)
(MSB)
IEN1 (E8H)
In all cases, if the enable bit is 0, then the interrupt is disabled, and if the enable bit is 1, then the interrupt is enabled.
Figure 28. Interrupt Enable Register (IEN1)
PX0
BIT
SYMBOL
FUNCTION
IP0.7
–
Unused
IP0.6
PAD
ADC interrupt priority level
IP0.5
PS1
SIO1 (I2C) interrupt priority level
IP0.4
PS0
SIO0 (UART) interrupt priority level
IP0.3
PT1
Timer 1 interrupt priority level
IP0.2
PX1
External interrupt 1 priority level
IP0.1
PT0
Timer 0 interrupt priority level
IP0.0
PX0
External interrupt 0 priority level
SU00763
PT0
PX1
PT1
PS0
PS1
PAD
–
0
1
2
3
4
5
6
7
(LSB)
(MSB)
IP0 (B8H)
Figure 29. Interrupt Priority Register (IP0)
PX0H
BIT
SYMBOL
FUNCTION
IP0H.7
–
Unused
IP0H.6
PADH
ADC interrupt priority level high
IP0H.5
PS1H
SIO1 (I2C) interrupt priority level high
IP0H.4
PS0H
SIO0 (UART) interrupt priority level high
IP0H.3
PT1H
Timer 1 interrupt priority level high
IP0H.2
PX1H
External interrupt 1 priority level high
IP0H.1
PT0H
Timer 0 interrupt priority level high
IP0H.0
PX0H
External interrupt 0 priority level high
SU00983
PT0H
PX1H
PT1H
PS0H
PS1H
PADH
–
0
1
2
3
4
5
6
7
(LSB)
(MSB)
IP0H (B7H)
Figure 30. Interrupt Priority Register High (IP0H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com