Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83C554 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # 83C554
Description  80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C554 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button 83C554 Datasheet HTML 13Page - NXP Semiconductors 83C554 Datasheet HTML 14Page - NXP Semiconductors 83C554 Datasheet HTML 15Page - NXP Semiconductors 83C554 Datasheet HTML 16Page - NXP Semiconductors 83C554 Datasheet HTML 17Page - NXP Semiconductors 83C554 Datasheet HTML 18Page - NXP Semiconductors 83C554 Datasheet HTML 19Page - NXP Semiconductors 83C554 Datasheet HTML 20Page - NXP Semiconductors 83C554 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 76 page
background image
Philips Semiconductors
Preliminary specification
80C554/83C554/87C554
80C51 8-bit microcontroller – 6 clock operation
16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM,
capture/compare, high I/O, 64L LQFP
2000 Nov 10
17
ECT0
BIT
SYMBOL
FUNCTION
IEN1.7
ET2
Enable Timer T2 overflow interrupt(s)
IEN1.6
ECM2
Enable T2 Comparator 2 interrupt
IEN1.5
ECM1
Enable T2 Comparator 1 interrupt
IEN1.4
ECM0
Enable T2 Comparator 0 interrupt
IEN1.3
ECT3
Enable T2 Capture register 3 interrupt
IEN1.2
ECT2
Enable T2 Capture register 2 interrupt
IEN1.1
ECT1
Enable T2 Capture register 1 interrupt
IEN1.0
ECT0
Enable T2 Capture register 0 interrupt
SU01083
ECT1
ECT2
ECT3
ECM0
ECM1
ECM2
ET2
0
1
2
3
4
5
6
7
(LSB)
(MSB)
IEN1 (E8H)
Reset Value = 00H
Figure 11. Timer T2 Interrupt Enable Register (IEN1)
T2MS0
BIT
SYMBOL
FUNCTION
TM2CON.7
TSIS1
Timer T2 16-bit overflow interrupt select
TM2CON.6
T2IS0
Timer T2 byte overflow interrupt select
TM2CON.5
T2ER
Timer T2 external reset enable. When this bit is set,
Timer T2 may be reset by a rising edge on RT2 (P1.5).
TM2CON.4
T2BO
Timer T2 byte overflow interrupt flag
TM2CON.3
T2P1
TM2CON.2
T2P0
TM2CON.1
T2MS1
TM2CON.0
T2MS0
SU01446
T2MS1
T2P0
T2P1
T2BO
T2ER
T2IS0
T2IS1
0
1
2
3
4
5
6
7
(LSB)
(MSB)
TM2CON (EAH)
Timer T2 prescaler select
T2P1
T2P0
Timer T2 Clock
0
0
Clock source
0
1
Clock source/2
1
0
Clock source/4
1
1
Clock source/8
Timer T2 mode select
0
0
Timer T2 halted (off)
0
1
T2 clock source = fOSC/6
1
0
Test mode; do not use
1
1
T2 clock source = pin T2
T2MS1
T2MS0
Mode Selected
Reset Value = 00H
Figure 12. T2 Control Register (TM2CON)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com