Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83C554 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 83C554
Description  80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C554 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 83C554 Datasheet HTML 3Page - NXP Semiconductors 83C554 Datasheet HTML 4Page - NXP Semiconductors 83C554 Datasheet HTML 5Page - NXP Semiconductors 83C554 Datasheet HTML 6Page - NXP Semiconductors 83C554 Datasheet HTML 7Page - NXP Semiconductors 83C554 Datasheet HTML 8Page - NXP Semiconductors 83C554 Datasheet HTML 9Page - NXP Semiconductors 83C554 Datasheet HTML 10Page - NXP Semiconductors 83C554 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
Philips Semiconductors
Preliminary specification
80C554/83C554/87C554
80C51 8-bit microcontroller – 6 clock operation
16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM,
capture/compare, high I/O, 64L LQFP
2000 Nov 10
7
Table 1.
87C554 Special Function Registers
SYMBOL
DESCRIPTION
DIRECT
ADDRESS
BIT ADDRESS, SYMBOL, OR ALTERNATIVE PORT FUNCTION
MSB
LSB
RESET
VALUE
ACC*
Accumulator
E0H
E7
E6
E5
E4
E3
E2
E1
E0
00H
ADCH#
A/D converter high
C6H
xxxxxxxxB
ADCON#
A/D control
C5H
ADC.1
ADC.0
ADEX
ADCI
ADCS
AADR2
AADR1
AADR0
xx000000B
AUXR
Auxiliary
8EH
–
–
–
–
–
LVADC
EXTRAM
A0
xxxxx110B
AUXR1
Auxiliary
A2H
ADC8
AIDL
SRST
GF2
WUPD
O
–
DPS
000000x0B
B*
B register
F0H
F7
F6
F5
F4
F3
F2
F1
F0
00H
CTCON#
Capture control
EBH
CTN3
CTP3
CTN2
CTP2
CTN1
CTP1
CTN0
CTP0
00H
CTH3#
Capture high 3
CFH
xxxxxxxxB
CTH2#
Capture high 2
CEH
xxxxxxxxB
CTH1#
Capture high 1
CDH
xxxxxxxxB
CTH0#
Capture high 0
CCH
xxxxxxxxB
CMH2#
Compare high 2
CBH
00H
CMH1#
Compare high 1
CAH
00H
CMH0#
Compare high 0
C9H
00H
CTL3#
Capture low 3
AFH
xxxxxxxxB
CTL2#
Capture low 2
AEH
xxxxxxxxB
CTL1#
Capture low 1
ADH
xxxxxxxxB
CTL0#
Capture low 0
ACH
xxxxxxxxB
CML2#
Compare low 2
ABH
00H
CML1#
Compare low 1
AAH
00H
CML0#
Compare low 0
A9H
00H
DPTR:
DPH
DPL
Data pointer
(2 bytes):
Data pointer high
Data pointer low
83H
82H
00H
00H
AF
AE
AD
AC
AB
AA
A9
A8
IEN0*#
Interrupt enable 0
A8H
EA
EAD
ES1
ES0
ET1
EX1
ET0
EX0
00H
EF
EE
ED
EC
EB
EA
E9
E8
IEN1*#
Interrupt enable 1
E8H
ET2
ECM2
ECM1
ECM0
ECT3
ECT2
ECT1
ECT0
00H
BF
BE
BD
BC
BB
BA
B9
B8
IP0*#
Interrupt priority 0
B8H
–
PAD
PS1
PS0
PT1
PX1
PT0
PX0
x0000000B
FF
FE
FD
FC
FB
FA
F9
F8
IP0H
Interrupt priority 0 high
B7H
–
PADH
PS1H
PS0H
PT1H
PX1H
PT0H
PX0H
x0000000B
IP1*#
Interrupt priority1
F8H
PT2
PCM2
PCM1
PCM0
PCT3
PCT2
PCT1
PCT0
00H
IP1H
Interrupt priority 1 high
F7H
PT2H
PCM2H
PCM1H
PCM0H
PCT3H
PCT2H
PCT1H
PCT0H
00H
P5#
Port 5
C4H
ADC7
ADC6
ADC5
ADC4
ADC3
ADC2
ADC1
ADC0
xxxxxxxxB
C7
C6
C5
C4
C3
C2
C1
C0
P4#*
Port 4
C0H
CMT1
CMT0
CMSR5
CMSR4
CMSR3
CMSR2
CMSR1
CMSR0
FFH
B7
B6
B5
B4
B3
B2
B1
B0
P3*
Port 3
B0H
RD
WR
T1
T0
INT1
INT0
TXD
RXD
FFH
A7
A6
A5
A4
A3
A2
A1
A0
P2*
Port 2
A0H
A15
A14
A13
A12
A11
A10
A9
A8
FFH
97
96
95
94
93
92
91
90
P1*
Port 1
90H
SDA
SCL
RT2
T2
CT3I
CT2I
CT1I
CT0I
FFH
87
86
85
84
83
82
81
80
P0*
Port 0
80H
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
FFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com