Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83C554 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 83C554
Description  80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C554 Datasheet(HTML) 4 Page - NXP Semiconductors

  83C554 Datasheet HTML 1Page - NXP Semiconductors 83C554 Datasheet HTML 2Page - NXP Semiconductors 83C554 Datasheet HTML 3Page - NXP Semiconductors 83C554 Datasheet HTML 4Page - NXP Semiconductors 83C554 Datasheet HTML 5Page - NXP Semiconductors 83C554 Datasheet HTML 6Page - NXP Semiconductors 83C554 Datasheet HTML 7Page - NXP Semiconductors 83C554 Datasheet HTML 8Page - NXP Semiconductors 83C554 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 76 page
background image
Philips Semiconductors
Preliminary specification
80C554/83C554/87C554
80C51 8-bit microcontroller – 6 clock operation
16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM,
capture/compare, high I/O, 64L LQFP
2000 Nov 10
4
PIN CONFIGURATIONS
Plastic Quad Flat Pack pin functions
Pin
Function
1.
AVDD
2.
P5.6/ADC6
3.
P5.5/ADC5
4.
P5.4/ADC4
5.
P5.3/ADC3
6.
P5.2/ADC2
7.
P5.1/ADC1
8.
P5.0/ADC0
9.
VDD
10.
STADC
11.
PWM0
12.
PWM1
13.
EW
14.
P4.0/CMSR0
15.
P4.1/CMSR1
16.
P4.2/CMSR2
Pin
Function
17.
P4.3/CMSR3
18.
P4.4/CMSR4
19.
P4.5/CMSR5
20.
P4.6/CMT0
21.
P4.7/CMT1
22.
RST
23.
P1.0/CT0I
24.
P1.1/CT1I
25.
P1.2/CT2I
26.
P1.3/CT3I
27.
P1.4/T2
28.
P1.5/RT2
29.
P1.6/SCL
30.
P1.7/SDA
31.
P3.0/RxD
32.
P3.1/TxD
Pin
Function
33.
P3.2/INT0
34.
P3.3/INT1
35.
P3.4/T0
36.
P3.5/T1
37.
P3.6/WR
38.
P3.7/RD
39.
XTAL2
40.
XTAL1
41.
VSS
42.
VSS
43.
P2.0/A08
44.
P2.1/A09
45.
P2.2/A10
46.
P2.3/A11
47.
P2.4/A12
48.
P2.5/A13
Pin
Function
49.
P2.6/A14
50.
P2.7/A15
51.
PSEN
52.
ALE/PROG
53.
EA/VPP
54.
P0.7/AD7
55.
P0.6/AD6
56.
P0.5/AD5
57.
P0.4/AD4
58.
P0.3/AD3
59.
P0.2/AD2
60.
P0.1/AD1
61.
P0.0/AD0
62.
AVref–
63.
AVref+
64.
AVSS
SU01444
LQFP64
48
33
49
64
32
17
116
LOGIC SYMBOL
ADC0-7
CMT0
CMT1
CMSR0-5
RST
EW
XTAL1
XTAL2
EA/VPP
ALE/PROG
PSEN
AVref+
AVref–
STADC
PWM0
PWM1
LOW ORDER
ADDRESS AND
DATA BUS
CT0I
CT1I
CT2I
CT3I
T2
RT2
SCL
SDA
RxD/DATA
TxD/CLOCK
INT0
INT1
T0
T1
WR
RD
VSS
VDD
AVSS
AVDD
HIGH ORDER
ADDRESS AND
DATA BUS
SU00210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com