Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83C554 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # 83C554
Description  80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C554 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button 83C554 Datasheet HTML 59Page - NXP Semiconductors 83C554 Datasheet HTML 60Page - NXP Semiconductors 83C554 Datasheet HTML 61Page - NXP Semiconductors 83C554 Datasheet HTML 62Page - NXP Semiconductors 83C554 Datasheet HTML 63Page - NXP Semiconductors 83C554 Datasheet HTML 64Page - NXP Semiconductors 83C554 Datasheet HTML 65Page - NXP Semiconductors 83C554 Datasheet HTML 66Page - NXP Semiconductors 83C554 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 76 page
background image
Philips Semiconductors
Preliminary specification
80C554/83C554/87C554
80C51 8-bit microcontroller – 6 clock operation
16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM,
capture/compare, high I/O, 64L LQFP
2000 Nov 10
63
DEVICE SPECIFICATIONS
TYPE
SUPPLY VOLTAGE (V)
FREQUENCY (MHz)
SUPPLY VOLTAGE (V)
FREQUENCY (MHz)
TEMPERATURE
E
T
TYPE
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
TE PE
TU E
RANGE (
°C), Tamb
P87C554 SBBD
2.7
5.5
0
8
4.5 V
5.5 V
0
16
0 to +70
P87C554 SFBD
3.0
5.5
0
8
4.5 V
5.5 V
0
16
–40 to +85
DC ELECTRICAL CHARACTERISTICS
VSS, AVSS = 0 V; VDD and Tamb minimum and maximum, per device specifications table.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
IDD
Supply current operating
See notes 1 and 2
fOSC = 8 MHz
fOSC = 16 MHz
16
32
mA
IID
Idle mode
See notes 1 and 3
fOSC = 8 MHz
fOSC = 16 MHz
4
8
mA
IPD
Power-down current
See notes 1 and 4;
2 V < VPD < VDD max
50
µA
Inputs
VIL
Input low voltage, except EA, P1.6, P1.7
–0.5
0.2VDD–0.1
V
VIL1
Input low voltage to EA
–0.5
0.2VDD–0.3
V
VIL2
Input low voltage to P1.6/SCL, P1.7/SDA5
–0.5
0.3VDD
V
VIH
Input high voltage, except XTAL1, RST
0.2VDD+0.9
VDD+0.5
V
VIH1
Input high voltage, XTAL1, RST
0.7 VDD
VDD+0.5
V
VIH2
Input high voltage, P1.6/SCL, P1.7/SDA5
0.7 VDD
6.0
V
IIL
Logical 0 input current, ports 1, 2, 3, 4, except P1.6, P1.7
VIN = 0.45 V
–50
µA
ITL
Logical 1-to-0 transition current, ports 1, 2, 3, 4, except P1.6, P1.7
See note 6
–650
µA
±IIL1
Input leakage current, port 0, EA, STADC, EW
0.45 V < VI < VDD
10
µA
±IIL2
Input leakage current, P1.6/SCL, P1.7/SDA
0 V < VI < 6 V
0 V < VDD < 5.5 V
10
µA
±IIL3
Input leakage current, port 5
0.45 V < VI < VDD
1
µA
±IIL4
Input leakage current, ports 1, 2, 3, 4 in high impedance mode
0.45 V < Vin < VDD
10
µA
Outputs
VOL
Output low voltage, ports 1, 2, 3, 4, except P1.6, P1.7
IOL = 1.6 mA7
0.4
V
VOL1
Output low voltage, port 0, ALE, PSEN, PWM0, PWM1
IOL = 3.2 mA7
0.4
V
VOL2
Output low voltage, P1.6/SCL, P1.7/SDA
IOL = 3.0 mA7
0.4
V
VOH
Output high voltage, ports 1, 2, 3, 4, except P1.6/SCL, P1.7/SDA
VCC = 2.7 V
VCC –0 7
V
IOH = –20 µA
VCC – 0.7
V
VCC = 4.5
VCC –0 7
V
IOH = –30 µA
VCC – 0.7
V
VOH1
Output high voltage (port 0 in external bus mode, ALE, PSEN,
PWM0, PWM1)8
VCC = 2.7 V
IOH = –3.2 mA
VCC – 0.7
V
VOH2
Output high voltage (RST)
–IOH = 400 µA
2.4
V
–IOH = 120 µA
0.8 VDD
V
RRST
Internal reset pull-down resistor
40
225
k
Ω
CIO
Pin capacitance
Test freq = 1 MHz,
Tamb = 25°C
10
pF
Analog Inputs
AVDD
Analog supply voltage:
87C5549
AVDD = VDD±0.2 V
2.7
5.5
V
AIDD
Analog supply current: operating:
Port 5 = 0 to AVDD
1.2
mA
AIID
Idle mode:
87C554
50
µA
AIPD
Power-down mode:
87C554
2 V < AVPD < AVDD max
50
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com