Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3916B Datasheet(PDF) 60 Page - STMicroelectronics

Part # ST25R3916B
Description  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B Datasheet(HTML) 60 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 56Page - STMicroelectronics ST25R3916B Datasheet HTML 57Page - STMicroelectronics ST25R3916B Datasheet HTML 58Page - STMicroelectronics ST25R3916B Datasheet HTML 59Page - STMicroelectronics ST25R3916B Datasheet HTML 60Page - STMicroelectronics ST25R3916B Datasheet HTML 61Page - STMicroelectronics ST25R3916B Datasheet HTML 62Page - STMicroelectronics ST25R3916B Datasheet HTML 63Page - STMicroelectronics ST25R3916B Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 165 page
background image
Application information
ST25R3916B ST25R3917B
60/165
DS13541 Rev 7
Figure 27. Sending a direct command
I2C access to register space-B
To access the register space-B, byte FBh has to be inserted between the I2C slave address
and the register read or write mode byte. Access to register space-B remains active until an
I2C Stop Condition is received.
I2C: transition to and termination of the Transparent mode
When the transparent mode command is received via I2C, the chip interface lines are
switched to the Analogue front end as described in Section 4.4.13: Transparent mode.
Once in transparent mode the BSS signal is used to distinguish between I2C
communication and transparent mode data as follows:
1.
the BSS line must be set high before entering the transparent mode, and then kept high
during the Transparent mode
2.
the Transparent mode is terminated when the BSS line is set to low, followed by at
least one SCL clock pulse
3.
after the termination of the transparent mode the I2C interface can be used again.
I2C: master reads slave immediately after the first byte
If the I2C master omits the mode byte and reads the ST25R3916B and ST25R3917B
immediately after the slave address, then, as shown in Figure 29, it will first output the byte
FFh, followed by a register dump starting at addres 01h.
MS51658V1
SCL
SDA
A
6
A
5
A
4
A
3
A
2
A
1
A
0
C
5
C
4
C
3
C
2
C
1
A
C
K
P
S
Slave address
C
0
A
C
K
Direct command byte
11
Figure 28. Read and Write mode for register space-B access
Write to register space B
S
Slave
address W
AFBh
Register
address
A Data 0 A Data 1 A
...
Data N
A
P
Read from register space B
S
Slave
address W
AFBh
Register
address
ASr
Slave
address R
A Data 0
A
Data 1 A
...
Data N N P
Legend: S: Start, Sr: repeated Start, A: ACK, N: NAK, P: Stop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com