Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3916B Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST25R3916B
Description  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 35Page - STMicroelectronics ST25R3916B Datasheet HTML 36Page - STMicroelectronics ST25R3916B Datasheet HTML 37Page - STMicroelectronics ST25R3916B Datasheet HTML 38Page - STMicroelectronics ST25R3916B Datasheet HTML 39Page - STMicroelectronics ST25R3916B Datasheet HTML 40Page - STMicroelectronics ST25R3916B Datasheet HTML 41Page - STMicroelectronics ST25R3916B Datasheet HTML 42Page - STMicroelectronics ST25R3916B Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 165 page
background image
DS13541 Rev 7
39/165
ST25R3916B ST25R3917B
Application information
164
adjustment range is between 3.6 and 5.1 V in steps of 120 mV, in case of 3.3 V supply
mode the adjustment range is from 2.4 to 3.6 V with 100 mV steps.
•
Regulator display register is a read only register that displays actual regulated voltage
when regulator is operating. It is especially useful in case of automatic mode, since the
actual regulated voltage, which is result of direct command Adjust regulators, can be
observed.
The VDD_RF regulator includes a current limiter that limits the regulator current to
350 mArms in normal operation. The i_lim in the Regulator display register is set when the
VDD_RF regulator is in current limiting mode.
If a transmitter output current higher than 350 mArms is required the VDD_RF regulator
cannot be used to supply the transmitter. VDD_RF and VDD_DR have to be externally
connected to VDD_TX (connection of VDD_RF to supply voltage higher than VDD_TX is not
allowed).
The voltage drop of the transmitter current is the main source of the ST25R3916B and
ST25R3917B power dissipation. This voltage drop is composed of a drop in the transmitter
driver and of a drop in the VDD_RF regulator. Due to this it is recommended to set the
regulated voltage using direct command Adjust Regulators. It results in good power supply
rejection ratio with relatively low dissipated power due to regulator voltage drop.
In Power-down mode the VDD_RF regulator is not operating. VDD_RF pin is connected to
VDD_TX through a 1 kΩ resistor. Connection through resistors assures smooth power-up of
the system and a smooth transition from Power-down mode to other operating modes.
VDD_AM regulator
This regulator is used to support the transmitter AM modulation. Its output voltage is used as
transmitter supply during modulation phase. The output is internally connected to the
transmitter. It requires decoupling capacitors (2.2µFNOM for Regulator AM and 22nFNOM for
AWS AM) at VDD_AM pin. Additionally, 100pF to 2.2nF can be used to improve RF
decoupling.
VDD_DR is used as reference voltage, resulting in correct VDD_AM voltage and modulation
index at supply voltage between 2.4 and 5.5 V.
The output voltage and thus modulation setting is controlled by am_mod<3:0> option bits
from 0 to 82% in 16 steps.
In Power-down mode the VDD_AM regulator is not operating. VDD_AM pin is connected to
VDD_TX through 1 kΩ resistor, as in the VDD_RF regulator.
VDD_A and VDD_D regulators
VDD_A and VDD_D regulators are used to supply the ST25R3916B and ST25R3917B analog
and digital blocks respectively. In 3.3 V mode VDD_A and VDD_D regulator are set to the
same regulated voltage as the VDD_RF regulator, in 5 V mode VDD_A and VDD_D regulated
voltage is fixed to 3.4 V.
The use of VDD_A and VDD_D regulators is mandatory in 5 V mode since analog and digital
blocks supplied with these two pins contain low voltage transistors which support maximum
supply voltage of 3.6 V. In 3.3 V supply mode the use of regulators is strongly recommended
to improve PSRR of analog processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com