Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3916B Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST25R3916B
Description  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 24Page - STMicroelectronics ST25R3916B Datasheet HTML 25Page - STMicroelectronics ST25R3916B Datasheet HTML 26Page - STMicroelectronics ST25R3916B Datasheet HTML 27Page - STMicroelectronics ST25R3916B Datasheet HTML 28Page - STMicroelectronics ST25R3916B Datasheet HTML 29Page - STMicroelectronics ST25R3916B Datasheet HTML 30Page - STMicroelectronics ST25R3916B Datasheet HTML 31Page - STMicroelectronics ST25R3916B Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 165 page
background image
Application information
ST25R3916B ST25R3917B
28/165
DS13541 Rev 7
The gain in the second and third stage is 23 dB and can be reduced in six 3 dB steps. Gain
of these two stages is included in AGC and Squelch loops or can be manually set in
Receiver configuration register 4. Sending of direct command Reset RX Gain is necessary
to initialize the AGC, Squelch and RSSI block. Sending this command clears the current
Squelch setting and loads the manual gain reduction from Receiver configuration register 4.
Second stage has a second order low-pass filtering characteristic, the pass band is adjusted
according to subcarrier frequency using the bits lp2 to lp0 of the Receiver configuration
register 1. See Table 5 for -1 dB cut-off frequency for different settings.
Digitizing stage
The digitizing stage produces a digital representation of the sub-carrier signal coming from
the receiver. This digital signal is then processed by the receiver framing logic. The digitizing
stage consists of a window comparator with adjustable digitizing window (five possible
settings, 3 dB steps, adjustment range from ±33 to ±120 mV). The adjustment of the
digitizing window is included in the AGC and Squelch loops. The digitizing window can also
be set manually in the Receiver configuration register 4.
AGC, Squelch and RSSI
As mentioned above, the second and third gain stage gain and the digitizing stage window
are included in the AGC and Squelch loops. Eleven settings are available. The default state
features minimum digitizer window and maximum gain. The first four steps increase the
digitizer window in 3 dB steps, the next six steps reduce the gain in the second and third
gain stage, again in 3 dB steps. The initial start setting for Squelch and AGC is defined in
Receiver configuration register 4. The Gain reduction state register displays the actual state
of gain resulting from Squelch, AGC and initial settings in Receiver configuration register 4.
10
1
7 MHz
Others
Not used
Table 6. First and third zero setting
rec1<3>z600k rec1<2>h200
rec1<1>h80
rec1<0>z12k First stage zero Third stage zero
00
0
0
60 kHz
400 kHz
0
1
0
0
200 kHz
0
0
1
0
40 kHz
80 kHz
00
0
1
12 kHz
200 kHz
0
0
1
1
80 kHz
0
1
0
1
200 kHz
10
0
0
600 kHz
400 kHz
1
1
0
0
200 kHz
Others
Not used
Table 5. Low-pass control (continued)
rec1<5>lp2
rec1<4>lp1
rec1<3>lp0
-1 dB point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com