Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3916B Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST25R3916B
Description  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 20Page - STMicroelectronics ST25R3916B Datasheet HTML 21Page - STMicroelectronics ST25R3916B Datasheet HTML 22Page - STMicroelectronics ST25R3916B Datasheet HTML 23Page - STMicroelectronics ST25R3916B Datasheet HTML 24Page - STMicroelectronics ST25R3916B Datasheet HTML 25Page - STMicroelectronics ST25R3916B Datasheet HTML 26Page - STMicroelectronics ST25R3916B Datasheet HTML 27Page - STMicroelectronics ST25R3916B Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 165 page
background image
Application information
ST25R3916B ST25R3917B
24/165
DS13541 Rev 7
4.2.1
Transmitter
The transmitter contains two identical push-pull driver blocks connected to pins RFO1 and
RFO2. These drivers are differentially driving the external antenna LC tank. It is also
possible to operate only one of the two drivers by setting the IO configuration register 1 bit
single and selecting which RFO/RFI to be use on bit rfo2.
Output resistance
Each driver is composed of eight segments having binary weighted output resistance. The
MSB segment typical ON resistance is 4 Ω. When all segments are turned on, the output
resistance is typically 2 Ω. Usually all segments are turned on to define the normal
transmission (non-modulated) level. It is also possible to switch off certain MSB segments
when driving the non-modulated level to drive the circuitry with a higher impedance driver.
The bits d_res<3:0> in the TX driver register define the resistance during the normal
transmission. The default setting is minimum available resistance.
When using the single driver mode, the number and therefore the cost of the antenna LC
tank components is halved, but also the output power is reduced. In single mode it is
possible to connect two antenna LC tanks to the two RFO outputs and multiplex between
them by controlling the IO configuration register 1 bit rfo2.
To transmit data, the transmitter output level needs to be modulated. AM and OOK
modulation principles are supported. The type of modulation is defined by setting bit tr_am
in the Mode definition register.
Driver TX modulation
During the OOK modulation (e.g. for ISO14443A) the transmitter drivers stop driving the
carrier frequency. As a consequence the amplitude of the antenna LC tank oscillation
decays, the time constant of the decay is defined with the LC tank Q factor.
AM modulation (for example ISO14443B) is done via an additional regulator providing the
supply voltage VDD_AM, used as the driver supply voltage during the modulation state.
The AM modulation level is set by am_mod3:0 bits in the TX driver register.
AM modulation has to be manually enabled and the level to be set correctly for the following
protocols:
•
ISO14443B
•
FeliCa
•
ISO15693 (if not OOK)
•
NFCIP-1 212 and 424 kb/s initiator or active target.
Depending on the applicable standard the modulation index is set in a range between 0 and
82% in the TX driver register.
Passive load modulation
The ST25R3916B and ST25R3917B enable passive load modulation using two different
methods
•
Internal driver load modulation
•
Load modulation with an external MOS transistor and a diode that directly loads the
antenna circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com