Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3916B Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST25R3916B
Description  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 37Page - STMicroelectronics ST25R3916B Datasheet HTML 38Page - STMicroelectronics ST25R3916B Datasheet HTML 39Page - STMicroelectronics ST25R3916B Datasheet HTML 40Page - STMicroelectronics ST25R3916B Datasheet HTML 41Page - STMicroelectronics ST25R3916B Datasheet HTML 42Page - STMicroelectronics ST25R3916B Datasheet HTML 43Page - STMicroelectronics ST25R3916B Datasheet HTML 44Page - STMicroelectronics ST25R3916B Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 165 page
background image
DS13541 Rev 7
41/165
ST25R3916B ST25R3917B
Application information
164
4.2.12
Active wave shaping
To use the specific wave shaping functionality of ST25R3916B, the logic must be enabled in
the auxiliary modulation setting as well as the corresponding AWS registers. Additionally,
the external VDD_AM capacitor must be selected in a range of 10-50 nF.
Note:
Contrary to the recommendations for the ST25R3916, do not insert a 2.2 μF capacitor on
the VDD_AM pin when using AWS.
To generally enable the ST25R3916B specific AWS:
•
set 0x28h in register SpaceB (Auxiliary modulation setting register) to 0x94h
•
set 0x2Eh in register SpaceB (AWS configuration) to 0x08h
The following registers need to be adjusted depending on whether OOK (for instance
NFC-A) or ASK (for instance NFC-B, NFC-F) modulation is transmitted.
OOK:
•
set am_mod<0:3> in TX driver register to 0xFXh, which is the lowest VDD_AM level
during modulation (82 % modulation index)
•
clear am_sym and set en_modsink in AWS Config 2 register by writing 0x1Xh, which
activates nonsymmetrical shape and strong en_modsink during OOK.
ASK:
•
set am_mod<0:3> in TX driver register to the required modulation index, which could
be 0x4Xh or 12% for the usual case, for instance NFC-B.
•
set am_sym and clear en_modsink in AWS Config 2 register by writing 0x2Xh, which
activates symmetrical shape and weak en_modsink during ASK.
The shaping of the modulation pulse is done through am_filt speed and by setting the
switching time of the clamp between VDD_RF and VDD_AM.
The following picture gives a graphical representation of the wave shaping mechanism and
involved register bits.
Figure 11. AWS mechanism
MS69269V2
AM
RF
r_trim
am_filt
am_sym
en_modsink
VDD_TX
am_mod
clamp
VDD_DR
VDD_TX
modsw
RFO
mods d_res
VDD_AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com