Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3916B Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST25R3916B
Description  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 27Page - STMicroelectronics ST25R3916B Datasheet HTML 28Page - STMicroelectronics ST25R3916B Datasheet HTML 29Page - STMicroelectronics ST25R3916B Datasheet HTML 30Page - STMicroelectronics ST25R3916B Datasheet HTML 31Page - STMicroelectronics ST25R3916B Datasheet HTML 32Page - STMicroelectronics ST25R3916B Datasheet HTML 33Page - STMicroelectronics ST25R3916B Datasheet HTML 34Page - STMicroelectronics ST25R3916B Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 165 page
background image
DS13541 Rev 7
31/165
ST25R3916B ST25R3917B
Application information
164
4.2.4
Wake-up mode
Asserting the Operation control register bit wu while the other bits are set to 0 puts the
ST25R3916B and ST25R3917B into the Wake-up mode, used to perform low power
detection of card presence. The ST25R3916B and ST25R3917B feature two possibilities,
namely phase and amplitude measurement. An integrated low power 32 kHz RC oscillator
and register configurable Wake-up timer are used to schedule periodic detection.
Usually the presence of a card is detected by a so-called polling. In this process the reader
field is periodically turned on and the controller checks whether a card is present using RF
commands. This procedure consumes a lot of energy since reader field has to be turned on
for 5 ms before a command can be issued.
Low power detection of card presence is performed by detecting a change in the reader
environment, produced by a card. When a change is detected, an interrupt is sent to the
controller. As a result, the controller performs a regular polling loop.
In Wake-up mode the ST25R3916B and ST25R3917B periodically perform the configured
reader environment measurements and sends an IRQ to the controller when a difference to
the configured reference value is detected.
Card detection
The presence of a card close to the reader antenna coil produces a change of the antenna
LC tank signal phase and amplitude. The reader field activation time needed to perform the
phase or the amplitude measurement is extremely short (~20 μs) compared to the activation
time needed to send a protocol activation command.
The power level during the measurement can be lower than that during normal operation as
the card does not have to be powered to produce a coupling effect. The emitted power can
be reduced by changing the RFO driver resistance.
Registers from 32h to 3Bh are dedicated to Wake-up configuration and display. The Wake-
up timer control register is the main Wake-up mode configuration register. The timeout
period between the successive detections and the measurements which are going to be
used are selected in this register. Timeouts in the range from 10 to 800 ms are available,
100 ms being the default value.
Registers from 33h to 3ADh configure the two possible detection measurements and store
the results, four registers are used for each method.
An IRQ is sent when the difference between a measured value and reference value is larger
than configured threshold value. There are two possibilities how to define the reference
value:
•
the ST25R3916B and ST25R3917B can calculate the reference based on previous
measurements
(auto-averaging)
•
the controller determines the reference and stores it in a register.
The first register in the series of four is the Amplitude measurement configuration register.
The difference to reference which triggers the IRQ, the method of reference value definition
and the weight of last measurement result in case of auto-averaging are defined in this
register. The next register is storing the reference value in case the reference is defined by
the controller. The following two registers are display registers. The first one stores the
auto-averaging reference, the second one stores the result of the last measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com