Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9027LP-R Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # P9027LP-R
Description  Wireless Power Receiver for ≤ 3W Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9027LP-R Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button P9027LP-R Datasheet HTML 10Page - Renesas Technology Corp P9027LP-R Datasheet HTML 11Page - Renesas Technology Corp P9027LP-R Datasheet HTML 12Page - Renesas Technology Corp P9027LP-R Datasheet HTML 13Page - Renesas Technology Corp P9027LP-R Datasheet HTML 14Page - Renesas Technology Corp P9027LP-R Datasheet HTML 15Page - Renesas Technology Corp P9027LP-R Datasheet HTML 16Page - Renesas Technology Corp P9027LP-R Datasheet HTML 17Page - Renesas Technology Corp P9027LP-R Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
P9027LP-R Datasheet
© 2016 Integrated Device Technology, Inc
14
April 28, 2016
Charge Pump for Internal Power Supply - VDD
The power supply for the control circuitry in the P9027LP-R is generated by a charge pump. This charge pump requires a 0.47 µF flying
capacitor connected between the CFLY1 and CFLY2 terminals. A 1 µF capacitor with a recommended voltage rating of 25 V must be
connected from VDD to GND. Adding any external loads to this pin is prohibited as the charge pump output current is limited to 5 mA.
Rectifier Voltage Headroom Setting – VHDR
The rectifier voltage dynamically changes as a function of load when the VHDR resistor is fixed. The reason is to balance power dissipation
and dynamic load response. Under the condition of a step load, the wireless power system may not have enough power to respond. This is
due to the communication of the Rx-to-Tx feedback loop being relatively slow – where it can take up to several tens of milliseconds for the
power required by the receiver to be delivered. Thus, a higher rectifier voltage is preferred to mitigate the step load transient response. On the
other hand, a high rectifier voltage will generate more power loss on the LDO. Thus, to meet the requirements of both power dissipation and
transient response, the rectifier voltage typically starts at around 6.5V at no load, and it is adjusted to the appropriate value based on the
output load once the communication is complete. Figure 11 shows how the rectifier voltage changes with load.
The rectifier voltage is set by connecting a 1% resistor from the VHDR pin to GND. The table below recommends the appropriate resistor
value based on system efficiency and transient response when using P9235A-R and P9027LP-R.
Table 6. Resistor Value and Output Current
Resistor Value ( KΩ )
Output Current
1.13
0 – 400mA
1.69
400 – 600mA
Rectifier Voltage - RECT
The rectifier output (RECT pin) requires at least a 20 μF ceramic capacitor from the pin to GND to minimize the ripple voltage. It is
recommended to use at least either two 10 μF or four 4.7 μF capacitors to reduce the total capacitor ESR.
When selecting a ceramic capacitor, only X5R and X7R dielectric types should be used. Other types such as Z5U and Y5F have such severe
loss of capacitance due to effects of temperature variation and applied voltage, they may provide as little as 20% of rated capacitance in
many typical applications. Always consult the capacitor manufacturer’s data curves before selecting a capacitor.
Setting the Output Voltage - VSET
The P9027LP-R output voltage can be programmed from 4.5 to 6.0 V by connecting a resistor from the VSET pin to GNDx allowing selection
from pre-programmed voltages. See the table below for the desired output voltage with an appropriate resistor value.
Table 7. Resistor Value and Output Voltage
Resistor Value ( KΩ )
Output Voltage
3.40
4.50
4.22
4.75
GND
5.00
5.36
5.25
6.49
5.50
7.68
5.75
9.09
6.00
Over-Current Limit – IOC
The output over-current (OC) protection mechanism relies on the comparison between the sensed current and the programmed over-current
threshold. The over-current threshold is set through a single external resistor, connected between the IOC pin and GND. A pulse 100 µA of
current is sourced from the IOC pin to GND. If IOC pin is shorted to GND, the protection is disabled. The LDO output current sensing is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com