Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9027LP-R Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # P9027LP-R
Description  Wireless Power Receiver for ≤ 3W Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9027LP-R Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button P9027LP-R Datasheet HTML 16Page - Renesas Technology Corp P9027LP-R Datasheet HTML 17Page - Renesas Technology Corp P9027LP-R Datasheet HTML 18Page - Renesas Technology Corp P9027LP-R Datasheet HTML 19Page - Renesas Technology Corp P9027LP-R Datasheet HTML 20Page - Renesas Technology Corp P9027LP-R Datasheet HTML 21Page - Renesas Technology Corp P9027LP-R Datasheet HTML 22Page - Renesas Technology Corp P9027LP-R Datasheet HTML 23Page - Renesas Technology Corp P9027LP-R Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
P9027LP-R Datasheet
© 2016 Integrated Device Technology, Inc
20
April 28, 2016
0xD5
FLT_RAW_2
2
R
0
“1” when End Of Charge (EOC) pin is set.
0xD5
FLT_RAW_1
1
R
0
Reserved
0xD5
FLT_RAW_0
0
R
0
“1” when enable (
EN
̅̅̅̅) pin is set high.
Enabled fault flag. If the fault condition exists and this fault is enabled in Masked Fault Enable Register, the bit for the fault in FLT_MSKD will
be set.
Table 14. Masked Fault Condition
Byte
Address
Byte Name
Bit
Field
Typical Default
Value
Description
0xD6
FLT_MSKD
7:5
R
0
Reserved.
0xD6
FLT_MSKD
4
R
0
Reserved.
0xD6
FLT_MSKD
3:0
R
0
Reserved
0xD7
FLT_MSKD
7
R
0
TS2 voltage is above programmed voltage. End of power transfer
packet sent (0x03) if triggered.
0xD7
FLT_MSKD
6
R
0
TS1 voltage is above programmed voltage. End of power transfer
packet sent (0x03) if triggered.
0xD7
FLT_MSKD
5
R
0
“1” when die temperature is greater than Tdie_shutdown. End of
power transfer packet sent (0x02) if triggered.
0xD7
FLT_MSKD
4
R
0
Reserved
0xD7
FLT_MSKD
3
R
0
Reserved
0xD7
FLT_MSKD
2
R
0
“1” when End of Charge (EOC) pin is set. End of power transfer
packet sent (0x01) if triggered.
0xD7
FLT_MSKD
1
R
0
Reserved
0xD7
FLT_MSKD
0
R
0
“1” when enable (
EN
̅̅̅̅) pin is set high. End of power transfer packet
sent (0x02) if triggered.
Enabled fault flag. If the fault condition exists and this fault is enabled in Masked Interrupt Enable Register, the bit for the fault in INTR_MSKD
will be set.
Table 15. Masked Interrupt Register
Byte
Address
Byte Name
Bit
Field Typical
Default
Value
Description
0xD8
INTR_MSKD
7:5
R
0
Reserved.
0xD8
INTR_MSKD
4
R
0
Reserved.
0xD8
INTR_MSKD
3:0
R
0
Reserved
0xD9
INTR_MSKD
7
R
0
TS2 voltage is above programmed voltage, INT pin
will be toggled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com