Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9027LP-R Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # P9027LP-R
Description  Wireless Power Receiver for ≤ 3W Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9027LP-R Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button P9027LP-R Datasheet HTML 20Page - Renesas Technology Corp P9027LP-R Datasheet HTML 21Page - Renesas Technology Corp P9027LP-R Datasheet HTML 22Page - Renesas Technology Corp P9027LP-R Datasheet HTML 23Page - Renesas Technology Corp P9027LP-R Datasheet HTML 24Page - Renesas Technology Corp P9027LP-R Datasheet HTML 25Page - Renesas Technology Corp P9027LP-R Datasheet HTML 26Page - Renesas Technology Corp P9027LP-R Datasheet HTML 27Page - Renesas Technology Corp P9027LP-R Datasheet HTML 28Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
P9027LP-R Datasheet
© 2016 Integrated Device Technology, Inc
24
April 28, 2016
Table 22. Communication Packet Register ADC Reading
Byte
Address
Byte Name
Bit
Field Typical
Default
Value
Description
0x81
EPT
7:0
R
1
End of Power Transfer Packet parameter value read:
01: Charge Complete.
02: Internal Fault.
03: Over Temperature.
05: Over Current.
FF: No fault.
0x82
Reserved
7:0
-
-
Reserved.
0x83
SIGSTR
7:0
R
-
Signal Strength Packet parameter value read.
0x84
Reserved
7:0
-
-
Reserved.
0x85
CTRLERR
7
R
-
Control Error Packet parameter value read.
0x86
Reserved
7:0
-
-
Reserved.
0x87
CHGSTS
7:0
R
1
Charge Status Packet parameter value read.
0x88
Reserved
7:4
-
-
Reserved.
0x88
RCVDPWR
4:0
R
-
Received Power Packet parameter value read (12-bit) : 2.44 mW
unit @5W system. Normally only MSB 8-bits [11:4] are used for
this parameter: 39.04 mW unit
.
0x89
RCVDPWR
7:0
R
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com