Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9027LP-R Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # P9027LP-R
Description  Wireless Power Receiver for ≤ 3W Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9027LP-R Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button P9027LP-R Datasheet HTML 12Page - Renesas Technology Corp P9027LP-R Datasheet HTML 13Page - Renesas Technology Corp P9027LP-R Datasheet HTML 14Page - Renesas Technology Corp P9027LP-R Datasheet HTML 15Page - Renesas Technology Corp P9027LP-R Datasheet HTML 16Page - Renesas Technology Corp P9027LP-R Datasheet HTML 17Page - Renesas Technology Corp P9027LP-R Datasheet HTML 18Page - Renesas Technology Corp P9027LP-R Datasheet HTML 19Page - Renesas Technology Corp P9027LP-R Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
P9027LP-R Datasheet
© 2016 Integrated Device Technology, Inc
16
April 28, 2016
T is the temperature in Kelvin.
R0 is the known resistance at calibration temperature T0.
B (beta) is the material constant.
The ADC reading of thermistors TS1 and TS2 can be monitored by the I2C interface. The ADC value can be calculated using the thermistor
resistance formula and the following:
255
1.8V
A
10
100
R
ADC
-6
TS
Recommended Coils
The following coils are recommended with P9027LP-R receiver for 1, 2 and 3 W applications for optimum performance. The recommended
vendors have been tested and verified.
Table 9. Coils Recommended with Receiver for 1, 2 and 3 W Applications.
Output Power
Vendor
Part Number
Inductance
DCR
Dimension
1 W
TDK
WR121220-27M8-ID
8.32 uH
0.98 Ω
Ø12 mm
SunLord
SWA12R12H08C01B
8.50 uH
0.38 Ω
Ø12 mm
2 W
TDK
WR202010-18M8-ID3
11.0 µH
0.40 Ω
Ø20 mm
Wurth Electronics
760308101220
12.60 µH
0.27 Ω
Ø17 mm
SunLord
SWA20R20H08C01B
12.0 µH
0.29 Ω
20 mm x 20 mm
3 W
TDK
WR303050-12F5-ID1
8.20 µH
0.30 Ω
30 mm x 30 mm
Wurth Electronics
760308102213
7.90 µH
0.26 Ω
29 mm x 29 mm
SunLord
SWA30R30H08C01B
8.20 uH
0.33 Ω
30 mm x 30 mm
PCB Layout Consideration
For optimum device performance and lowest output phase noise, IDT recommends that customers copy the reference layout used in the
P9027LP-R-EVK reference kit. More information and layout files can be found at http://www.idt.com/WP3W-RK.
Additional layout guidelines can be found in application note AN-933. Users are encouraged to read this document prior to starting a board
design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com