Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9027LP-R Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # P9027LP-R
Description  Wireless Power Receiver for ≤ 3W Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9027LP-R Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button P9027LP-R Datasheet HTML 19Page - Renesas Technology Corp P9027LP-R Datasheet HTML 20Page - Renesas Technology Corp P9027LP-R Datasheet HTML 21Page - Renesas Technology Corp P9027LP-R Datasheet HTML 22Page - Renesas Technology Corp P9027LP-R Datasheet HTML 23Page - Renesas Technology Corp P9027LP-R Datasheet HTML 24Page - Renesas Technology Corp P9027LP-R Datasheet HTML 25Page - Renesas Technology Corp P9027LP-R Datasheet HTML 26Page - Renesas Technology Corp P9027LP-R Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
P9027LP-R Datasheet
© 2016 Integrated Device Technology, Inc
23
April 28, 2016
Table 19. Output Voltage Setting (VSET)
Byte
Address
Byte Name
Bit
Field
Typical Default
Value
Description
0x33
VSET_EN
7
R/W
0
VSET (OUT Voltage) set enable
“0” : OUT voltage set was disabled, VSET will be set from
external resistance on VSET pad.
“1”: OUT voltage set was enabled, VSET_VALUE will be used
for OUT voltage.
0x33
Reserved
6:5
-
-
Reserved.
0x33
VSET_VALUE
4:0
R/W
0
0
: OUT voltage value = 5.00 V
1:5
: Reserved
6
: OUT voltage value = 4.50 V
7, 8
: OUT voltage value = 4.75 V
9, 10
: OUT voltage value = 5.25 V
11, 12
: OUT voltage value = 5.50 V
13, 14
: OUT voltage value = 5.75 V
15, 16, 17 : OUT voltage value = 6.00 V
To have correct temperature information from ADC_TS1 and/or ADC_TS2, the correct value sensing resistor needs to be connected onto
TS1 to GND and/or TS2 to GND.
Table 20. Thermistor TS1 and TS2 Register ADC Reading
Address
Register Name
R/W
Default Function and Description
0x69 [7:0]
TS1 [7:0]
R
-
TS1 (external temperature sensor1) value read (0 ~ 255)
0x6B[7:0]
TS2 [7:0]
R
-
TS2 (external temperature sensor2) value read (0 ~ 255)
Table 21. Operating Frequency Register ADC Reading
Byte
Address
Byte Name
Bit
Field Typical
Default
Value
Description
0x7 E
Reserved
7:4
X
X
Reserved.
0x7 E
LX_FSW
3:0
R
-
Operating frequency = 1 / (LX_FSW * 3.125 ns)
0x7 F
LX_FSW
7:0
R
-
Operating frequency = 1 / (LX_FSW * 3.125 ns)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com