Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9027LP-R Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # P9027LP-R
Description  Wireless Power Receiver for ≤ 3W Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9027LP-R Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button P9027LP-R Datasheet HTML 14Page - Renesas Technology Corp P9027LP-R Datasheet HTML 15Page - Renesas Technology Corp P9027LP-R Datasheet HTML 16Page - Renesas Technology Corp P9027LP-R Datasheet HTML 17Page - Renesas Technology Corp P9027LP-R Datasheet HTML 18Page - Renesas Technology Corp P9027LP-R Datasheet HTML 19Page - Renesas Technology Corp P9027LP-R Datasheet HTML 20Page - Renesas Technology Corp P9027LP-R Datasheet HTML 21Page - Renesas Technology Corp P9027LP-R Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
P9027LP-R Datasheet
© 2016 Integrated Device Technology, Inc
18
April 28, 2016
Component Selections
Table 10. Component Selections
Item
Qty
Reference
Description
PCB Footprint
MFG Part Number
1
4
C1, C2, C6, C7 CAP 10 uF/10 V
402
CL05A106MP5NUNC
2
2
C5, C8
RES 0.0 OHM
402
ERJ-2GE0R00X
3
1
C4
CAP 1 UF/25 V
402
C1005X5R1E105M050BC
4
1
C3
CAP 0.047 UF/25 V
402
C1005X7R1E473M050BC
5
1
C9
CAP 1800 PF/50 V
402
GRM155R71H182KA01D
6
2
R1, R2
RES 5.11 k
201
ERJ-1GEF5111C
7
1
R3
RES 680
402
ERJ-2GEJ681X
8
1
R4
RES 5.1 k
402
ERJ-2GEJ512X
9
2
R5, R9
RES 0.0 OHM
201
ERJ-1GE0R00C
10
2
R6, R7
RES 4.99 K
201
ERJ-1GEF4991C
11
1
R8
RES 1.13 K
201
ERJ-1GEF1131C
12
1
R10
RES 7.87 K
201
ERJ-1GEF7871C
13
2
R11, R15
RES 2.49 K
402
ERJ-2RKF2491X
14
1
R12
RES 1.69 K
201
ERJ-1GEF1691C
15
2
R13, R14
Potential meter 10 k
2.2 mm x 2.1 mmx 0.8 mm
PVA2A103A01R00
16
1
D1
LED Indicator
402
LED RED 0402 SMD
17
1
U1
Wireless Power Rx IC
2.24 x 3.62 mm WLCSP, 0.4 mm pitch
size
P9027LP-R
18
1
L1
Rx coil
See Table 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com