Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87C528EBAA Datasheet(PDF) 9 Page - NXP Semiconductors

Part # P87C528EBAA
Description  80C51 8-bit microcontrollers 16K/32K, 512 OTP, I2C, watchdog timer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C528EBAA Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button P87C528EBAA Datasheet HTML 5Page - NXP Semiconductors P87C528EBAA Datasheet HTML 6Page - NXP Semiconductors P87C528EBAA Datasheet HTML 7Page - NXP Semiconductors P87C528EBAA Datasheet HTML 8Page - NXP Semiconductors P87C528EBAA Datasheet HTML 9Page - NXP Semiconductors P87C528EBAA Datasheet HTML 10Page - NXP Semiconductors P87C528EBAA Datasheet HTML 11Page - NXP Semiconductors P87C528EBAA Datasheet HTML 12Page - NXP Semiconductors P87C528EBAA Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Philips Semiconductors
Product specification
87C524/87C528
80C51 8-bit microcontrollers
16K/32K, 512 OTP, I2C, watchdog timer
1999 Jul 23
9
Additionally, if acting as master:
– generating START and STOP conditions
– handling bus arbitration
– generating serial clock pulses if S1BIT is not used.
Three SFRs control the bit-level I2C interface: S1INT, S1BIT and
S1SCS.
INTERRUPT SYSTEM
The interrupt structure of the 8XC528 is the same as that used in the
80C51, but includes two additional interrupt sources: one for the
third timer/counter, T2, and one for the I2C interface. The interrupt
enable and interrupt priority registers are IE and IP.
IE: Interrupt Enable Register
This register is located at address A8H. Refer to Table 3.
IE SFR (A8H)
76
54
32
10
EA
ES1
ET2
ES
ET1
EX1
ET0
EX0
IP: Interrupt Priority Register
This register is located at address B8H. Refer to Table 4.
IP SFR (B8H)
76
54
32
10
–
PS1
PT2
PS
PT1
PX1
PT0
PX0
Table 3. Description of IE Bits
MNEMONIC
BIT
FUNCTION
EA
IE.7
General enable/disable control:
0 = NO interrupt is enabled.
1 = ANY individually enabled interrupt will be accepted.
ES1
IE.6
Enable bit-level I2C I/O interrupt
ET2
IE.5
Enable Timer 2 interrupt
ES
IE.4
Enable Serial Port interrupt
ET1
IE.3
Enable Timer 1 interrupt
EX1
IE.2
Enable External interrupt 1
ET0
IE.1
Enable Timer 0 interrupt
EX0
IE.0
Enable External interrupt 0
Table 4. Description of IP Bits
MNEMONIC
BIT
FUNCTION
–
IP.7
Reserved.
PS1
IP.6
Bit-level I2C interrupt priority level
PT2
IP.5
Timer 2 interrupt priority level
PS
IP.4
Serial Port interrupt priority level
PT1
IP.3
Timer 1 interrupt priority level
PX1
IP.2
External Interrupt 1 priority level
PT0
IP.1
Timer 0 interrupt priority level
PX0
IP.0
External Interrupt 0 priority level
The interrupt vector locations and the interrupt priorities are:
Source
Priority within Level
Vector
Address
0003H
IE0
Highest
002BH
TF2+EXF2
0053H
SI (I2C)
000BH
TF0
0013H
IE1
001BH
TF1
0023H
RI+TI
Lowest



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com