Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87C528EBAA Datasheet(PDF) 16 Page - NXP Semiconductors

Part # P87C528EBAA
Description  80C51 8-bit microcontrollers 16K/32K, 512 OTP, I2C, watchdog timer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C528EBAA Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button P87C528EBAA Datasheet HTML 12Page - NXP Semiconductors P87C528EBAA Datasheet HTML 13Page - NXP Semiconductors P87C528EBAA Datasheet HTML 14Page - NXP Semiconductors P87C528EBAA Datasheet HTML 15Page - NXP Semiconductors P87C528EBAA Datasheet HTML 16Page - NXP Semiconductors P87C528EBAA Datasheet HTML 17Page - NXP Semiconductors P87C528EBAA Datasheet HTML 18Page - NXP Semiconductors P87C528EBAA Datasheet HTML 19Page - NXP Semiconductors P87C528EBAA Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Philips Semiconductors
Product specification
87C524/87C528
80C51 8-bit microcontrollers
16K/32K, 512 OTP, I2C, watchdog timer
1999 Jul 23
16
tRD
tSU;STA
tBUF
tSU;STO
0.7 VCC
0.3 VCC
0.7 VCC
0.3 VCC
tFD
tRC
tFC
tHIGH
tLOW
tHD;STA
tSU;DAT1
tHD;DAT
tSU;DAT2
tSU;DAT3
START condition
repeated START condition
SDA
(INPUT/OUTPUT)
SCL
(INPUT/OUTPUT)
STOP condition
START or repeated START condition
SU00107A
Figure 5. Timing SIO1 (I2C) Interface
VCC–0.5
0.45V
0.7VCC
0.2VCC–0.1
tCHCL
tCLCL
tCLCH
tCLCX
tCHCX
SU00009
Figure 6. External Clock Drive
VDD–0.5
0.45V
0.2VDD+0.9
0.2VDD–0.1
NOTE:
AC inputs during testing are driven at VDD –0.5 for a logic ‘1’ and 0.45V for a logic ‘0’.
Timing measurements are made at VIH min for a logic ‘1’ and VIL max for a logic ‘0’.
SU00167
Figure 7. AC Testing Input/Output
VLOAD
VLOAD+0.1V
VLOAD–0.1V
VOH–0.1V
VOL+0.1V
NOTE:
TIMING
REFERENCE
POINTS
For timing purposes, a port is no longer floating when a 100mV change from load
voltage occurs, and begins to float when a 100mV change from the loaded VOH/VOL
level occurs. IOH/IOL ≥ ±20mA.
SU00011
Figure 8. Float Waveform
MAX ACTIVE MODE
TYP ACTIVE MODE
MAX IDLE MODE
TYP IDLE MODE
ICC mA
30
25
20
15
10
5
FREQ AT XTAL1
SU00168
4 MHz
8 MHz
12 MHz
16 MHz
Figure 9. ICC vs. FREQ.
Valid only within frequency specifications of the device under test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com