Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87C528EBAA Datasheet(PDF) 17 Page - NXP Semiconductors

Part # P87C528EBAA
Description  80C51 8-bit microcontrollers 16K/32K, 512 OTP, I2C, watchdog timer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C528EBAA Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button P87C528EBAA Datasheet HTML 13Page - NXP Semiconductors P87C528EBAA Datasheet HTML 14Page - NXP Semiconductors P87C528EBAA Datasheet HTML 15Page - NXP Semiconductors P87C528EBAA Datasheet HTML 16Page - NXP Semiconductors P87C528EBAA Datasheet HTML 17Page - NXP Semiconductors P87C528EBAA Datasheet HTML 18Page - NXP Semiconductors P87C528EBAA Datasheet HTML 19Page - NXP Semiconductors P87C528EBAA Datasheet HTML 20Page - NXP Semiconductors P87C528EBAA Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Philips Semiconductors
Product specification
87C524/87C528
80C51 8-bit microcontrollers
16K/32K, 512 OTP, I2C, watchdog timer
1999 Jul 23
17
VDD
P0
EA
RST
XTAL1
XTAL2
VSS
VDD
VDD
VDD
IDD
(NC)
CLOCK SIGNAL
P1.6
P1.7
*
*
SU00169
Figure 10. IDD Test Condition, Active Mode
All other pins are disconnected
VDD
P0
RST
XTAL1
XTAL2
VSS
VDD
VDD
IDD
(NC)
CLOCK SIGNAL
P1.6
P1.7
*
*
EA
SU00170
Figure 11. IDD Test Condition, Idle Mode
All other pins are disconnected
VCC–0.5
0.45V
0.7VCC
0.2VCC–0.1
tCHCL
tCLCL
tCLCH
tCLCX
tCHCX
SU00009
Figure 12. Clock Signal Waveform for
IDD Tests in Active and Idle Modes
tCLCH = tCHCL = 5ns
VDD
P0
RST
XTAL1
XTAL2
VSS
VDD
VDD
IDD
(NC)
P1.6
P1.7
*
*
EA
SU00171
Figure 13. IDD Test Condition, Power Down Mode
All other pins are disconnected. VDD = 2V to 5.5V
NOTE:
*
Ports 1.6 and 1.7 should be connected to VDD through resistors of sufficiently high value such that the sink current into these pins does not
exceed the IOL1 specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com