Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87C528EBAA Datasheet(PDF) 18 Page - NXP Semiconductors

Part # P87C528EBAA
Description  80C51 8-bit microcontrollers 16K/32K, 512 OTP, I2C, watchdog timer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C528EBAA Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button P87C528EBAA Datasheet HTML 14Page - NXP Semiconductors P87C528EBAA Datasheet HTML 15Page - NXP Semiconductors P87C528EBAA Datasheet HTML 16Page - NXP Semiconductors P87C528EBAA Datasheet HTML 17Page - NXP Semiconductors P87C528EBAA Datasheet HTML 18Page - NXP Semiconductors P87C528EBAA Datasheet HTML 19Page - NXP Semiconductors P87C528EBAA Datasheet HTML 20Page - NXP Semiconductors P87C528EBAA Datasheet HTML 21Page - NXP Semiconductors P87C528EBAA Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Philips Semiconductors
Product specification
87C524/87C528
80C51 8-bit microcontrollers
16K/32K, 512 OTP, I2C, watchdog timer
1999 Jul 23
18
EPROM CHARACTERISTICS FOR 87C528
The 87C528 is programmed by using a modified Quick-Pulse
Programming
™ algorithm. It differs from older methods in the value
used for VPP (programming supply voltage) and in the width and
number of the ALE/PROG pulses.
The 87C528 contains two signature bytes that can be read and used
by an EPROM programming system to identify the device. The
signature bytes identify the device as an 87C528 manufactured by
Philips.
Table 6 shows the logic levels for reading the signature byte, and for
programming the program memory, the encryption table, and the
lock bits. The circuit configuration and waveforms for quick-pulse
programming are shown in Figures 14 and 15. Figure 16 shows the
circuit configuration for normal program memory verification.
Quick-Pulse Programming
The setup for microcontroller quick-pulse programming is shown in
Figure 14. Note that the 87C528 is running with a 4 to 6MHz
oscillator The reason the oscillator needs to be running is that the
device is executing internal address and program data transfers.
The address of the EPROM location to be programmed is applied to
ports 1, 2 and 3, as shown in Figure 14. The code byte to be
programmed into that location is applied to port 0. RST, PSEN and
pins of ports 2 and 3 specified in Table 6 are held at the ’Program
Code Data’ levels indicated in Table 6. The ALE/PROG is pulsed
low 25 times as shown in Figure 15.
To program the encryption table, repeat the 25 pulse programming
sequence for addresses 0 through 3FH, using the ‘Pgm Encryption
Table’ levels. Do not forget that after the encryption table is
programmed, verification cycles will produce only encrypted data.
To program the lock bits, repeat the 25 pulse programming
sequence using the ‘Pgm Lock Bit’ levels. After one lock bit is
programmed, further programming of the code memory and
encryption table is disabled. However, the other lock bit can still be
programmed.
Note that the EA/VPP pin must not be allowed to 90 above the
maximum specified VPP level for any amount of time. Even a narrow
glitch above that voltage can cause permanent damage to the
device. The VPP source should be well regulated and free of glitches
and overshoot.
Program Verification
If lock bit 2 has not been programmed, the on-chip program memory
can be read out for program verification. The address of the program
memory locations to be read is applied to ports 1, 2 and 3 as shown
in Figure 16. The other pins are held at the ‘Verify Code Data’ levels
indicated in Table 6. The contents of the address location will be
emitted on port 0. External pull ups are required on port 0 for this
operation.
If the encryption table has been programmed, the data presented at
port 0 will be the exclusive NOR of the program byte with one of the
encryption bytes. The user will have to know the encryption table
contents in order to correctly decode the verification data. The
encryption table itself cannot be read out.
Reading the Signature Bytes
The signature bytes are read by the same procedure as a normal
verification of locations 030H and 031 H, except that P3.6 and P3.7
need to be pulled to a logic low. The values are:
(030H) = 15H indicates manufactured by Philips
(031H) = 9BH indicates 87C528
Program Lock Bits
The 87C528 has 3 programmable lock bits that will provide different
levels of protection for the on-chip code and data (see Table 7).
Erasing the EPROM also erases the encryption array and the
program lock bits, returning the part to full functionality.
Program/Verify Algorithms
Any algorithm in agreement with the conditions listed in Table 6, and
which satisfies the timing specifications, is suitable.
Table 6. EPROM Programming Modes
MODE
RST
PSEN
ALE/PROG
EA/VPP
P2.7
P2.6
P3.7
P3.6
Read signature
1
0
1
1
0
0
0
0
Program code data
1
0
0*
VPP
1
0
1
1
Verify code data
1
0
1
1
0
0
1
1
Pgm encryption table
1
0
0*
VPP
1
0
1
0
Pgm lock bit 1
1
0
0*
VPP
1
1
1
1
Pgm lock bit 2
1
0
0*
VPP
1
1
0
0
Pgm lock bit 3
1
0
0*
VPP
0
1
0
1
NOTES:
1. ‘0’ = Valid low for that pin, ‘1’ = valid high for that pin.
2. VPP = 12.75 V ±0.25 V.
3. Vcc = 5 V
±10% during programming and verification.
*
ALE/PROG receives 25 programming pulses while VPP is held at 12.75 V. Each programming pulse is low for 100 µs (±10 µs) and high for a
minimum of 10
µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com