Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87C528EBAA Datasheet(PDF) 20 Page - NXP Semiconductors

Part # P87C528EBAA
Description  80C51 8-bit microcontrollers 16K/32K, 512 OTP, I2C, watchdog timer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C528EBAA Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button P87C528EBAA Datasheet HTML 16Page - NXP Semiconductors P87C528EBAA Datasheet HTML 17Page - NXP Semiconductors P87C528EBAA Datasheet HTML 18Page - NXP Semiconductors P87C528EBAA Datasheet HTML 19Page - NXP Semiconductors P87C528EBAA Datasheet HTML 20Page - NXP Semiconductors P87C528EBAA Datasheet HTML 21Page - NXP Semiconductors P87C528EBAA Datasheet HTML 22Page - NXP Semiconductors P87C528EBAA Datasheet HTML 23Page - NXP Semiconductors P87C528EBAA Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Philips Semiconductors
Product specification
87C524/87C528
80C51 8-bit microcontrollers
16K/32K, 512 OTP, I2C, watchdog timer
1999 Jul 23
20
Table 7. Program Lock Bits
PROGRAM LOCK BITS1,2
LB1
LB2
LB3
PROTECTION DESCRIPTION
1
U
U
U
No Program Lock features enabled. (Code verify will still be encrypted by the Encryption Array if programmed.)
2
P
U
U
MOVC instructions executed from external program memory are disabled from fetching code bytes from
Internal memory, EA is jumped and latched on Reset, and further programming of the EPROM Is disabled.
3
P
P
U
Same as 2, also verify is disabled.
4
P
P
P
Same as 3, external execution is disabled. Internal data RAM is not accessible.
NOTES:
1. P - programmed. U - unprogrammed.
2. Any other combination of the lock bits is not defined.
A0–A7
1
1
1
4–6 MHz
+5 V
PGM DATA
+12.75 V
25 100
µs PULSES TO GROUND
0
1
0
A8–A13
P1
RST
P3.6
P3.7
XTAL2
XTAL1
VSS
VCC
P0
EA/VPP
ALE/PROG
PSEN
P2.7
P2.6
P2.0–P2.5
87C524/8
A14
P3.4
SU00172
Figure 14. Programming Configuration
ALE/PROG:
ALE/PROG:
1
0
1
0
25 PULSES
100
µs+10
10
µs MIN
SU00018
Figure 15. PROG Waveform
A0–A7
1
1
1
4–6 MHz
+5 V
PGM DATA
1
1
0
0 ENABLE
0
A8–A13
P1
RST
P3.6
P3.7
XTAL2
XTAL1
VSS
VCC
P0
EA/VPP
ALE/PROG
PSEN
P2.7
P2.6
P2.0–P2.5
87C524/8
A14
P3.4
SU00173
Figure 16. Program Verification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com