Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87C528EBAA Datasheet(PDF) 12 Page - NXP Semiconductors

Part # P87C528EBAA
Description  80C51 8-bit microcontrollers 16K/32K, 512 OTP, I2C, watchdog timer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C528EBAA Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button P87C528EBAA Datasheet HTML 8Page - NXP Semiconductors P87C528EBAA Datasheet HTML 9Page - NXP Semiconductors P87C528EBAA Datasheet HTML 10Page - NXP Semiconductors P87C528EBAA Datasheet HTML 11Page - NXP Semiconductors P87C528EBAA Datasheet HTML 12Page - NXP Semiconductors P87C528EBAA Datasheet HTML 13Page - NXP Semiconductors P87C528EBAA Datasheet HTML 14Page - NXP Semiconductors P87C528EBAA Datasheet HTML 15Page - NXP Semiconductors P87C528EBAA Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Philips Semiconductors
Product specification
87C524/87C528
80C51 8-bit microcontrollers
16K/32K, 512 OTP, I2C, watchdog timer
1999 Jul 23
12
AC ELECTRICAL CHARACTERISTICS1, 2
16MHz CLOCK
VARIABLE CLOCK
SYMBOL
FIGURE
PARAMETER
MIN
MAX
MIN
MAX
UNIT
1/tCLCL
1
Oscillator frequency:
Speed Versions
87C528
P878C528EXX
3.5
16
MHz
tLHLL
1
ALE pulse width
85
2tCLCL–40
ns
tAVLL
1
Address valid to ALE low
8
tCLCL–55
ns
tLLAX
1
Address hold after ALE low
28
tCLCL–35
ns
tLLIV
1
ALE low to valid instruction in
150
4tCLCL–100
ns
tLLPL
1
ALE low to PSEN low
23
tCLCL–40
ns
tPLPH
1
PSEN pulse width
143
3tCLCL–45
ns
tPLIV
1
PSEN low to valid instruction in
83
3tCLCL–105
ns
tPXIX
1
Input instruction hold after PSEN
0
0
ns
tPXIZ
1
Input instruction float after PSEN
38
tCLCL–25
ns
tAVIV
1
Address to valid instruction in
208
5tCLCL–105
ns
tPLAZ
1
PSEN low to address float
10
10
ns
Data Memory
tRLRH
2, 3
RD pulse width
275
6tCLCL–100
ns
tWLWH
2, 3
WR pulse width
275
6tCLCL–100
ns
tRLDV
2, 3
RD low to valid data in
148
5tCLCL–165
ns
tRHDX
2, 3
Data hold after RD
0
0
ns
tRHDZ
2, 3
Data float after RD
55
2tCLCL–70
ns
tLLDZ
2, 3
ALE low to valid data in
350
8tCLCL–150
ns
tAVDV
2, 3
Address to valid data in
398
9tCLCL–165
ns
tLLWL
2, 3
ALE low to RD or WR low
138
238
3tCLCL–50
3tCLCL+50
ns
tAVWL
2, 3
Address valid to WR low or RD low
120
4tCLCL–130
ns
tQVWX
2, 3
Data valid to WR transition
3
tCLCL–60
ns
tWHQX
2, 3
Data hold after WR
13
tCLCL–50
ns
tRLAZ
2, 3
RD low to address float
0
0
ns
tWHLH
2, 3
RD or WR high to ALE high
23
103
tCLCL–40
tCLCL+40
ns
External Clock
tCHCX
6
High time
20
20
ns
tCLCX
6
Low time
20
20
ns
tCLCH
6
Rise time
20
20
ns
tCHCL
6
Fall time
20
20
ns
Shift Register
tXLXL
4
Serial port clock cycle time
750
12tCLCL
ns
tQVXH
4
Output data setup to clock rising edge
492
10tCLCL–133
ns
tXHQX
4
Output data hold after clock rising edge
8
2tCLCL–117
ns
tXHDX
4
Input data hold after clock rising edge
0
0
ns
tXHDV
4
Clock rising edge to input data valid
492
10tCLCL–133
ns
NOTES:
1. Parameters are valid over operating temperature range unless otherwise specified.
2. Load capacitance for port 0, ALE, and PSEN = 100pF, load capacitance for all other outputs = 80pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com