Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

165RHT Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 165RHT
Description  Aluminium electrolytic capacitors Radial High Temperature
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

165RHT Datasheet(HTML) 4 Page - NXP Semiconductors

  165RHT Datasheet HTML 1Page - NXP Semiconductors 165RHT Datasheet HTML 2Page - NXP Semiconductors 165RHT Datasheet HTML 3Page - NXP Semiconductors 165RHT Datasheet HTML 4Page - NXP Semiconductors 165RHT Datasheet HTML 5Page - NXP Semiconductors 165RHT Datasheet HTML 6Page - NXP Semiconductors 165RHT Datasheet HTML 7Page - NXP Semiconductors 165RHT Datasheet HTML 8Page - NXP Semiconductors 165RHT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
1998 Jan 29
297
Philips Components
Maintenance type
Aluminium electrolytic capacitors
Radial High Temperature
165 RHT
R
Taped products
MARKING
The capacitors are marked with the following information:
• Rated capacitance value (in µF)
• Tolerance on rated capacitance, code letter in accordance with “IEC 62” (M for ±20%)
• Rated voltage (in V)
• Upper category temperature (125 °C)
• Group number (165)
• Code indicating factory of origin
• Name of manufacturer, PHILIPS
• Date code, in accordance with “IEC 62”
• Negative terminal identification.
Fig.4 Taped in box (ammopack).
handbook, full pagewidth
MAM066
Form TFA:
Case
∅D × L ≤ 16 × 31mm.
Tape dimensions are specified in this handbook, Section
“Packaging”.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com