Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

165RHT Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 165RHT
Description  Aluminium electrolytic capacitors Radial High Temperature
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

165RHT Datasheet(HTML) 1 Page - NXP Semiconductors

  165RHT Datasheet HTML 1Page - NXP Semiconductors 165RHT Datasheet HTML 2Page - NXP Semiconductors 165RHT Datasheet HTML 3Page - NXP Semiconductors 165RHT Datasheet HTML 4Page - NXP Semiconductors 165RHT Datasheet HTML 5Page - NXP Semiconductors 165RHT Datasheet HTML 6Page - NXP Semiconductors 165RHT Datasheet HTML 7Page - NXP Semiconductors 165RHT Datasheet HTML 8Page - NXP Semiconductors 165RHT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1998 Jan 29
294
Philips Components
Maintenance type
Aluminium electrolytic capacitors
Radial High Temperature
165 RHT
FEATURES
• Polarized aluminium electrolytic
capacitors, non-solid
• Radial leads, cylindrical aluminium
case with pressure relief, insulated
with a blue sleeve
• Charge and discharge proof
• Very long useful life:
1500 hours at 125
°C,
high stability, high reliability
• Extended temperature range up to
125
°C
• High ripple current capability.
APPLICATIONS
• EDP, telecommunication,
industrial, automotive and military
• Smoothing, filtering, buffering in
SMPS
• High ambient temperature
environments.
Fig.1 Component outlines.
handbook, 4 columns
MAM079
handbook, halfpage
048 RMS
CCB002
136 RVI
longer life
lower Z
165 RHT
125
°C
105
°C
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Case sizes (
∅D
nom × Lnom in mm)
10
× 12 to 16 × 35
Rated capacitance range, CR
22 to 4700
µF
Tolerance on CR
±20%
Rated voltage range, UR
10 to 50 V
Category temperature range
−40 to +125 °C
Endurance test at 125
°C
1000 hours
Useful life at 125
°C
1500 hours
Useful life at 40
°C, 1.6 × IR applied
300000 hours
Shelf life at 0 V, 125
°C
500 hours
Based on sectional specification
IEC 384-4/CECC 30300
Climatic category IEC 68
40/125/56


Similar Part No. - 165RHT

ManufacturerPart #DatasheetDescription
logo
3M Electronics
165RD4A 3M-165RD4A Datasheet
979Kb / 19P
3M’s Reinvigorated Vinyl Electrical Tape Line
2020
More results

Similar Description - 165RHT

ManufacturerPart #DatasheetDescription
logo
Dubilier
CEBM10016TA DUBILIER-CEBM10016TA Datasheet
229Kb / 3P
ALUMINIUM ELECTROLYTIC STANDARD RADIAL CEBM
CEBR10016TA DUBILIER-CEBR10016TA Datasheet
130Kb / 2P
ALUMINIUM ELECTROLYTIC REDUCED RADIAL CEBR
CEK1016TA DUBILIER-CEK1016TA Datasheet
151Kb / 2P
ALUMINIUM ELECTROLYTIC MINIATURE RADIAL CEK
DJ310016TA DUBILIER-DJ310016TA Datasheet
152Kb / 3P
CAPACITORS ALUMINIUM ELECTROLYTIC HIGH TEMP. DJ3
logo
Panasonic Semiconductor
ECEA6.3U0R1W PANASONIC-ECEA6.3U0R1W Datasheet
181Kb / 9P
Aluminium Electrolytic Capacitors/SU
logo
Kemet Corporation
EXV KEMET-EXV Datasheet
88Kb / 1P
EXV Aluminium Electrolytic Capacitors
logo
Dubilier
CEBM DUBILIER-CEBM Datasheet
268Kb / 3P
ALUMINIUM ELECTROLYTIC STANDARD RADIAL
CEBNP DUBILIER-CEBNP Datasheet
250Kb / 2P
ALUMINIUM ELECTROLYTIC NON - POLAR RADIAL
CEBR DUBILIER-CEBR Datasheet
254Kb / 2P
ALUMINIUM ELECTROLYTIC MINIATURE RADIAL
CEK DUBILIER-CEK Datasheet
249Kb / 2P
ALUMINIUM ELECTROLYTIC MINIATURE RADIAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com