Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

165RHT Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 165RHT
Description  Aluminium electrolytic capacitors Radial High Temperature
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

165RHT Datasheet(HTML) 5 Page - NXP Semiconductors

  165RHT Datasheet HTML 1Page - NXP Semiconductors 165RHT Datasheet HTML 2Page - NXP Semiconductors 165RHT Datasheet HTML 3Page - NXP Semiconductors 165RHT Datasheet HTML 4Page - NXP Semiconductors 165RHT Datasheet HTML 5Page - NXP Semiconductors 165RHT Datasheet HTML 6Page - NXP Semiconductors 165RHT Datasheet HTML 7Page - NXP Semiconductors 165RHT Datasheet HTML 8Page - NXP Semiconductors 165RHT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ELECTRICAL DATA AND ORDERING INFORMATION
Unless otherwise specified, all electrical values in Table 2 apply at Tamb =20 °C,
P = 86 to 106 kPa, RH = 45 to 75%.
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz, tolerance
±20%
IR
rated RMS ripple current at 100 Hz, 125
°C
IL1
max. leakage current after 1 minute at UR
IL5
max. leakage current after 5 minutes at UR
Tan
δ
max. dissipation factor at 100 Hz
ESR
equivalent series resistance at 100 Hz (calculated from tan
δ
max and CR)
Z
max. impedance at 10 kHz or 100 kHz
Ordering example
Electrolytic capacitor 165 series
220
µF/25 V; ±20%
Nominal case size:
∅10 × 20 mm; Form TFA
Catalogue number: 2222 165 36221.
Table 2
Electrical data and ordering information; preferred types in bold
UR
(V)
CR
100 Hz
(
µF)
NOMINAL
CASE SIZE
∅D × L
(mm)
CASE
CODE
IR
100 Hz
125
°C
(mA)
IL1
1 min
(
µA)
IL5
5 min
(
µA)
Tan
δ
100 Hz
ESR
100 Hz
(
Ω)
Z
10 kHz
(
Ω)
Z
100 kHz
(
Ω)
CATALOGUE NUMBER 2222
...
.....
BULK PACKAGING
TAPED
FORM CA
FORM CB
FORM TFA
10
220
10
× 12
14
200
25
7
0.20
1.30
−
0.55
165 54221
165 64221
165 34221
470
10
× 20
16
340
50
12
0.20
0.61
−
0.26
165 54471
165 64471
165 34471
2200
16
× 31
20
930
220
47
0.24
0.16
0.07
−
165 54222
165 64222
165 34222
3300
16
× 35
21
1200
330
69
0.26
0.11
0.05
−
165 54332
165 64332
−
4700
16
× 35
21
1400
470
97
0.28
0.09
0.04
−
165 90502
165 90507
−
16
220
10
× 16
15
240
38
10
0.16
1.00
−
0.43
165 55221
165 65221
165 35221
470
12.5
× 20
17
410
78
18
0.16
0.49
−
0.20
165 55471
165 65471
165 35471
1000
12.5
× 25
18
650
160
35
0.16
0.23
−
0.10
165 55102
165 65102
165 35102
2200
16
× 35
21
1100
360
73
0.20
0.13
0.05
−
165 55222
165 65222
−
3300
16
× 35
21
1400
530
110
0.22
0.10
0.04
−
165 90503
165 90508
−
25
100
10
× 12
14
170
28
8
0.14
2.00
−
0.70
165 56101
165 66101
165 36101
220
10
× 20
16
280
58
14
0.14
0.91
−
0.32
165 56221
165 66221
165 36221
470
12.5
× 25
18
480
120
27
0.14
0.43
−
0.15
165 56471
165 66471
165 36471
1000
16
× 31
20
830
250
53
0.14
0.20
−
0.07
165 56102
165 66102
165 36102
2200
16
× 35
21
1200
550
110
0.18
0.12
0.04
−
165 90504
165 90509
−



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com