Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

165RHT Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 165RHT
Description  Aluminium electrolytic capacitors Radial High Temperature
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

165RHT Datasheet(HTML) 2 Page - NXP Semiconductors

  165RHT Datasheet HTML 1Page - NXP Semiconductors 165RHT Datasheet HTML 2Page - NXP Semiconductors 165RHT Datasheet HTML 3Page - NXP Semiconductors 165RHT Datasheet HTML 4Page - NXP Semiconductors 165RHT Datasheet HTML 5Page - NXP Semiconductors 165RHT Datasheet HTML 6Page - NXP Semiconductors 165RHT Datasheet HTML 7Page - NXP Semiconductors 165RHT Datasheet HTML 8Page - NXP Semiconductors 165RHT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1998 Jan 29
295
Philips Components
Maintenance type
Aluminium electrolytic capacitors
Radial High Temperature
165 RHT
R
Selection chart for CR, UR and relevant nominal case sizes (∅D × L in mm)
Preferred types in bold.
CR
(
µF)
UR (V)
10
16
25
35
40
50
22
−−−−−
10
× 12
47
−−−−
10
× 12
10
× 16
100
−−
10
× 12
10
× 16
10
× 20
12.5
× 20
220
10
× 12
10
× 16
10
× 20
−
12.5
× 20
16
× 25
470
10
× 20
12.5
× 20
12.5
× 25
16
× 25
16
× 31
16
× 35
1000
−
12.5
× 25
16
× 31
−
16
× 35
16
× 35
2200
16
× 31
16
× 35
16
× 35
−−−
3300
16
× 35
16
× 35
−−−−
4700
16
× 35
−−−−−



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com