Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

165RHT Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 165RHT
Description  Aluminium electrolytic capacitors Radial High Temperature
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

165RHT Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 165RHT Datasheet HTML 2Page - NXP Semiconductors 165RHT Datasheet HTML 3Page - NXP Semiconductors 165RHT Datasheet HTML 4Page - NXP Semiconductors 165RHT Datasheet HTML 5Page - NXP Semiconductors 165RHT Datasheet HTML 6Page - NXP Semiconductors 165RHT Datasheet HTML 7Page - NXP Semiconductors 165RHT Datasheet HTML 8Page - NXP Semiconductors 165RHT Datasheet HTML 9Page - NXP Semiconductors 165RHT Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
1998 Jan 29
301
Philips Components
Maintenance type
Aluminium electrolytic capacitors
Radial High Temperature
165 RHT
R
Equivalent series resistance (ESR)
Fig.7 Typical multiplier of ESR as a function of ambient temperature.
handbook, 4 columns
10
MGB192
Tamb ( C)
o
1
ESR 0
ESR
40
20
0
20
40
60
80
100
120
140
1
2
3
4
5
6
1
6
Curve 1: 10 V.
Curve 2: 16 V.
Curve 3: 25 V.
Curve 4: 35 V.
ESR0 = typical at 20 °C, 100 Hz.
Fig.8 Typical multiplier of ESR as a function of frequency.
Curve 1: 10 V.
Curve 2: 16 V.
Curve 3: 25 V.
Curve 4: 35 V.
Curve 5: 40 V.
Curve 6: 50 V.
ESR0 = typical at 20 °C, 100 Hz.
handbook, 4 columns
10 5
MGB193
10 4
10 3
10 2
10
f (Hz)
0
0.4
0.8
1.2
1.6
2.0
ESR 0
ESR
1
2
3
4
5
6
1
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com