Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

165RHT Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 165RHT
Description  Aluminium electrolytic capacitors Radial High Temperature
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

165RHT Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 165RHT Datasheet HTML 2Page - NXP Semiconductors 165RHT Datasheet HTML 3Page - NXP Semiconductors 165RHT Datasheet HTML 4Page - NXP Semiconductors 165RHT Datasheet HTML 5Page - NXP Semiconductors 165RHT Datasheet HTML 6Page - NXP Semiconductors 165RHT Datasheet HTML 7Page - NXP Semiconductors 165RHT Datasheet HTML 8Page - NXP Semiconductors 165RHT Datasheet HTML 9Page - NXP Semiconductors 165RHT Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
1998 Jan 29
300
Philips Components
Maintenance type
Aluminium electrolytic capacitors
Radial High Temperature
165 RHT
Capacitance (C)
handbook, 4 columns
40
20
0
20
40
60
1.2
MGB190
0.8
80
100
140
Tamb ( C)
o
0.9
1.1
120
1.0
C
0
C
1
2
3
4
1
4
Fig.5 Typical multiplier of capacitance as a function of ambient temperature.
Curve 1: 10 V.
Curve 2: 16 and 25 V.
Curve 3: 35 and 40 V.
Curve 4: 50 V.
C0 = capacitance at 20 °C, 100 Hz.
Fig.6 Typical multiplier of capacitance as a function of frequency.
handbook, 4 columns
10 5
MGB191
10 4
10 3
10 2
10
f (Hz)
0.2
0.4
0.6
0.8
1.0
1.2
C
0
C
1
2
3
1
Curve 1: 10 V; 16 V; 25 V.
Curve 2: 35 V.
Curve 3: 40 and 50 V.
C0 = capacitance at 20 °C, 100 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com